Electronic Components Datasheet Search
  English  ▼

X  

56F807E Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F807E
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807E Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F807E Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F807E Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
General Characteristics
56F807 Technical Data Technical Data, Rev. 15
Freescale Semiconductor
21
damage to the device.
The 56F807 DC/AC electrical specifications are preliminary and are from design simulations. These
specifications may not be fully tested or guaranteed at this early stage of the product life cycle. Finalized
specifications will be published after complete characterization and device qualifications have been
completed.
CAUTION
This device contains protective circuitry to guard against
damage due to high static voltage or electrical fields. However,
normal precautions are advised to avoid application of any
voltages
higher
than
maximum
rated
voltages
to
this
high-impedance circuit. Reliability of operation is enhanced if
unused inputs are tied to an appropriate voltage level.
Table 3-1 Absolute Maximum Ratings
Characteristic
Symbol
Min
Max
Unit
Supply voltage
VDD
VSS – 0.3
VSS + 4.0
V
All other input voltages, excluding Analog inputs
VIN
VSS – 0.3
VSS + 5.5V
V
Voltage difference VDD to VDDA
ΔV
DD
- 0.3
0.3
V
Voltage difference VSS to VSSA
ΔV
SS
- 0.3
0.3
V
Analog inputs, ANA0-7 and VREF
VIN
VSSA– 0.3
VDDA+ 0.3
V
Analog inputs EXTAL and XTAL
VIN
VSSA– 0.3
VSSA+ 3.0
V
Current drain per pin excluding VDD, VSS, PWM
outputs, TCS, VPP, VDDA, VSSA
I—
10
mA
Table 3-2 Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Supply voltage, digital
VDD
3.0
3.3
3.6
V
Supply Voltage, analog
VDDA
3.0
3.3
3.6
V
Voltage difference VDD to VDDA
ΔV
DD
-0.1
-
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com