Electronic Components Datasheet Search
  English  ▼

X  

MSME104R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSME104R
Description  LAN-Ethernet Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSME104R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSME104R Datasheet HTML 1Page - List of Unclassifed Manufacturers MSME104R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer
USA Distributor & Support Center
Representative
DIGITAL-LOGIC AG
Advanced Digital Logic, Inc.
Nordstrasse 4/F
4411 Morena Blvd., Suite 230
CH-4708 Luterbach
San Diego, CA 92117-4328
Switzerland
P: 858.490.0597 F: 858.490.0599
Email: sales@adlogic-pc104.com
http://www.adlogic-pc104.com
Technical Specifications
msme104 rev11/01
Features
Functions
Remarks
General
LAN-Controller
SMC91C94
Memory
64 kBytes
Interfaces
LAN
Ethernet IEEE802.3
I/O Address
Software selectable 300 - 3F0
IRQ
5, 9, 10, 11 selectable
I/O Ports
LAN
10BASE-2 & 10BASE-T
Custom BIOS
Down loadable into Flash BIOS
Driver
ODI, UNIX, NDIS, NT3.5, Novell
Electrical
Power Supply
+5VDC, 250mA
- 9V
generated on-board
Environment
Dimensions
3.8” x 3.6” x 0.8” (96x90x20mm)
Bus
PC/104
104 stack through
Operating Temperature
-13ºF to +158ºF (-25ºC to +70ºC)
Storage Temperature
-85ºF to +257ºF (-65ºC to +125ºC)
MSME104R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com