Electronic Components Datasheet Search
  English  ▼

X  

DSP56F826 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # DSP56F826
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F826 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button DSP56F826 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F826 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Introduction
56F826 Technical Data, Rev. 14
Freescale Semiconductor
9
Figure 2-1 56F826 Signals Identified by Functional Group1
1. Alternate pin functionality is shown in parentheses.
56F826
2.5V Power
3.3V Analog Power
3.3V Power
Ground
Analog Ground
Ground
PLL
and
Clock
External
Address Bus or
GPIO
External Data
Bus
External
Bus Control
Dedicated
GPIO
SPI1 Port
or GPIO
SCI0, SCI1
Port or
SPI0 Port
VDD
VDDA
VDDIO
VSS
VSSA
VSSIO
EXTAL
XTAL (CLOCKIN)
CLKO
A0-A7 (GPIOE)
A8-A15 (GPIOA)
D0–D15
PS
DS
RD
WR
TA0 (GPIOF0)
TA1 (GPIOF1)
TA2 (GPIOF2)
TA3 (GPIOF3)
TCK
TMS
TDI
TDO
TRST
DE
Quad Timer A
or GPIO
JTAG/OnCE
™
Port
GPIOB0–7
GPIOD0–7
SRD (GPIOC0)
SRFS (GPIOC1)
SRCK (GPIOC2)
STD (GPIOC3)
STFS (GPIOC4)
STCK (GPIOC5)
SCLK (GPIOF4)
MOSI (GPIOF5)
MISO (GPIOF6)
SS (GPIOF7)
TXD0 (SCLK0)
RXD0 (MOSI0)
TXD1 (MISO0)
RXD1 (SS0)
IRQA
IRQB
RESET
EXTBOOT
SSI Port
or GPIO
3
1
4
4*
1
4
1
1
1
8
8
16
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Interrupt/
Program
Control
8
8
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
*Includes TCS pin, which is reserved for factory use and is tied to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com