Electronic Components Datasheet Search
  English  ▼

X  

A101 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A101
Description  Cascadable Amplifier 5 to 100 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A101 Datasheet(HTML) 1 Page - Tyco Electronics

  A101 Datasheet HTML 1Page - Tyco Electronics A101 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
! "
#$
%
&
! '
'
'
( )'
* ' +
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
,
-
(4
-( 7> 6> 67: ?2 9
0
. @6 /
(4
-( (4
2; 72;?2 4
6 9
0
. @6 /
(4
-( +?<75; 72;?2 46 9
0
. @6 /
A7: 574
+? 4
->2?
0 . @6 /
"
" =
2
#
"&B
,!C " " $
" !
!$
$ !,#
$
#
!
!
" ,"
B &
"
#$ "*#$
,!
" B !
!
,$
! " ," !
&
0 " 7*
! +$
' $! #
D ,
"
&
C ! '4A*+ ;*
!3 !
!
! !,
3
B
&
.
/
0 &
/ .
1
2 /
=
7* 0
+'=
+$
' $!
'=='*
* <=
+'= < !!
)
EE
1
3 4
5
/
1
3 4
+
,
#
$
*
F<
9
F<
<
#
$
9
F<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
D6
. G
/
:
H+I+
0$ !*4!
#
$
.
/
9 F<
#
"
! "
5
/
"
2
!
JK
F< :
!
6
;
#
! 6
:
L$!
!
#
$
2
=B 3 <
K
9 F<
E73
#
$
#
!
#
!$ B
<=
C,$
!
<
9
< ! &
EE "
!!
)
3
!
!
2 (
#
!


Similar Part No. - A101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A101 MACOM-A101 Datasheet
89Kb / 1P
5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A101 MA-COM-A101 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 100 MHz
A101-SMA101 MA-COM-A101-SMA101 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
1Mb / 98P
Highly Predictable Performance with 100% Automatic Placement and Routing
A1010 ACTEL-A1010 Datasheet
172Kb / 24P
5V and 3.3V Families fully compatible with JEDEC specifications
More results

Similar Description - A101

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A101 MACOM-A101 Datasheet
89Kb / 1P
5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER
A21-1 MACOM-A21-1 Datasheet
107Kb / 1P
5 TO 1200 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
A79 MACOM-A79 Datasheet
112Kb / 1P
5 TO 300 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
SMA11 MA-COM-SMA11 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A56 MA-COM-A56 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 400 MHz
A101 MA-COM-A101 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 100 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com