Electronic Components Datasheet Search
  English  ▼

X  

A231 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A231
Description  Cascadable Amplifier 10 to 250 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A231 Datasheet(HTML) 1 Page - Tyco Electronics

  A231 Datasheet HTML 1Page - Tyco Electronics A231 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"#
$
%
& '
'
'
( )'
* ' +
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
,
>7: 574
+? 4
-@2?
0 . A6 /
(4
-( -=4
5
0 . A6 /
(4
-( ?
4
<4?5<A
=
9
'?;4@' 7@ 6@ >? ?> 9
0
9
. A6 /
" =
2
#
"&B
,!C " " $
" !
!$
$ !,#
$
#
!
! " ,"
B &
"
,
! B#
B D
#
,!
# &
#
3 #
!
3
B
B !
%$ ! & !,
=!
!
!
$
! "
B D
#C
" "
B !
" ,"
3
!
0 " 7*
! +$
' $! #
D ,
"
&
C ! '4>*+ ;*
!3 !
!
! !,
3
B
%
-
.
/ %
. -
0
1 .
=
7*
+'=
+$
' $!
<=
EE
+'= < !!
)
0
2 3
4
.
0
2 3
+
,
#
$
*
F<
9
F<
<
#
$
F<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
D6
. G
/
:
H+I+
0$ !*4!
#
$
.
/
F<
"
4
.
"
2
!
JK
F< :
!
6
;
#
! 6
:
L$!
!
#
$
2
=B 3 <
K
F<
E73
#
$
#
!
#
!$ B
<=
C,$
!
<
9
< ! &
EE "
!!
)
3
!
!
2 (
#
!


Similar Part No. - A231

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A231 MACOM-A231 Datasheet
109Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A231 MA-COM-A231 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A231-SMA231 MA-COM-A231-SMA231 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
MicroPower Direct, LLC
A231R MPD-A231R Datasheet
94Kb / 2P
Compact, Regulated, 2W Single & Dual Output DC/DC Converters
A231RI MPD-A231RI Datasheet
80Kb / 2P
High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
More results

Similar Description - A231

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A83-1 MACOM-A83-1 Datasheet
106Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A70-1 MACOM-A70-1 Datasheet
356Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A70 MACOM-A70_1 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70-1 MA-COM-A70-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A70 MA-COM-A70 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
EA54 MA-COM-EA54 Datasheet
126Kb / 2P
Cascadable Amplifier 10 to 250 MHz
A83-1 MA-COM-A83-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
A181 MA-COM-A181_15 Datasheet
636Kb / 3P
Cascadable Amplifier 10 to 250 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com