Electronic Components Datasheet Search
  English  ▼

X  

ARS50AL Datasheet(PDF) 3 Page - Won-Top Electronics

Part # ARS50AL
Description  50A LEADED AUTOMOTIVE BUTTON DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ARS50AL Datasheet(HTML) 3 Page - Won-Top Electronics

  ARS50AL Datasheet HTML 1Page - Won-Top Electronics ARS50AL Datasheet HTML 2Page - Won-Top Electronics ARS50AL Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
3
AR/S50AL – AR/S50JL
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
AR50AL
10mm Leaded Button
200 Units/Box
ARS50AL
8.6mm Leaded Button
200 Units/Box
AR50BL
10mm Leaded Button
200 Units/Box
ARS50BL
8.6mm Leaded Button
200 Units/Box
AR50DL
10mm Leaded Button
200 Units/Box
ARS50DL
8.6mm Leaded Button
200 Units/Box
AR50GL
10mm Leaded Button
200 Units/Box
ARS50GL
8.6mm Leaded Button
200 Units/Box
AR50JL
10mm Leaded Button
200 Units/Box
ARS50JL
8.6mm Leaded Button
200 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, AR50AL-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com
WON-TOP ELECTRONICS
®



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com