Electronic Components Datasheet Search
  English  ▼

X  

ARS35G Datasheet(PDF) 2 Page - Won-Top Electronics

Part # ARS35G
Description  35A AUTOMOTIVE BUTTON DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ARS35G Datasheet(HTML) 2 Page - Won-Top Electronics

  ARS35G Datasheet HTML 1Page - Won-Top Electronics ARS35G Datasheet HTML 2Page - Won-Top Electronics ARS35G Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
AR/S35A – AR/S35J
WON-TOP ELECTRONICS
®
0
TC, CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
20
40
60 800 100 120 140 160 180 200
0
10
20
30
40
50
Resistive or
Inductive Load
0
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
0.4
0.8
1.2
1.6
2.0
0.1
1.0
10
100
1
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
10
100
0
100
200
300
400
500
0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
20
40
60
80
100
120
140
0.01
0.1
1.0
10
100
1000
Single Half-Sine-Wave
JEDEC Method
TA = 25°C
TA = 100°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com