Electronic Components Datasheet Search
  English  ▼

X  

CD5519B Datasheet(PDF) 1 Page - Silicon Supplies

Part # CD5519B
Description  0.5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD5519B Datasheet(HTML) 1 Page - Silicon Supplies

  CD5519B Datasheet HTML 1Page - Silicon Supplies CD5519B Datasheet HTML 2Page - Silicon Supplies CD5519B Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.siliconsupplies.com
Die Size (Unsawn)
330 x 330
12.99 x 12.99
µm
mils
Anode Pad Size
235 x 235
9.25 x 9.25
µm
mils
Die Thickness
200
7.87
µm
mils
Top Metal Composition
Al
Back Metal Composition
AuAs
0.5W Zener Diode - CD5538B to CD5546B
Silicon Planar Zener diode in bare die form – 5% tolerance
Sharp Reverse Characteristics
Low Reverse Current Levels
High Reliability Gold Back Metal
High Reliability Tested Grades.
Rev 1.0
05/04/19
Features:
Die Dimensions in µm (mils)
330 (12.99)
CHIP BACKSIDE IS CATHODE
Ordering Information
The following part suffixes apply:
No suffix - Commercial grade die
“H”– Hi-rel grade die + MIL-STD-38534 Class H LAT
“K” – Hi-rel grade die + MIL-STD-38534 Class K LAT.
LAT = Lot acceptance Test.
For information on Hi-Rel LAT flows please see below.
www.siliconsupplies.com\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
With additional electrical selection – By specific request
235 (9.25)
ANODE


Similar Part No. - CD5519B

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD5519B CDI-DIODE-CD5519B Datasheet
114Kb / 2P
ZENER DIODE CHIPS
More results

Similar Description - CD5519B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PD3Z284C2V4 DIODES-PD3Z284C2V4 Datasheet
332Kb / 5P
0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 8 - 2
PD3Z284C2V4 DIODES-PD3Z284C2V4_08 Datasheet
165Kb / 4P
0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 9 - 2
UDZ5V1BF DIODES-UDZ5V1BF Datasheet
93Kb / 4P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
DS32228 Rev. 5 - 2
DDZ2V4ASF DIODES-DDZ2V4ASF Datasheet
115Kb / 6P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
Rev 17
PD3Z284C2V4 DIODES-PD3Z284C2V4_16 Datasheet
312Kb / 5P
0.5W SURFACE MOUNT ZENER DIODE
Rev 11
logo
Silicon Supplies
BZX55A SS-BZX55A Datasheet
371Kb / 3P
0.5W Zener Diode
BZX55A SS-BZX55A_19 Datasheet
367Kb / 3P
0.5W Zener Diode
1N5221D SS-1N5221D Datasheet
342Kb / 4P
0.5W Zener Diode
1N5221B SS-1N5221B Datasheet
345Kb / 4P
0.5W Zener Diode
logo
Diodes Incorporated
DDZ5V6ASFQ DIODES-DDZ5V6ASFQ Datasheet
287Kb / 5P
0.5W SURFACE MOUNT PRECISION ZENER DIODE
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com