Electronic Components Datasheet Search
  English  ▼

X  

SF1002 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SF1002
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SF1002 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SF1002 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SF1002 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-220AC
10.0±0.2
1.3±0.2
0.8±0.2
Ø3.84
±0.15
5.08±0.2
1.27±0.10
4.5±0.2
2.5±0.2
0.38±0.10
PIN1
PIN3
PIN2
PIN 1
PIN 3
PIN 2 &
(case)
CURRENT: 10A
VOLTAGE RANGE: 100 - 800V
Feaures
Mechanical Data
Maximum Ratings And Electrical Characteristics T
A = 25
°C
SUPER FAST RECTIFIERS
SF1002 - SF1008
1 of 2
www.sunmate.tw
 Glass passivated chip junctions
 High Forward Surge Capability
 Super fast recovery time for switching
mode application
 Lead free in compliance with EU RoHS
2011/65/EU directive
 Low Reverse Current
Notes: 1. Thermal resistance from junction to case.
2. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
RATINGS
SYMBOL
UNIT
Maximum repetitive reverse voltage
VRRM
200
300
400
700
V
Maximum RMS voltage
VRMS
140
210
280
490
V
Maximum DC blocking voltage
VDC
200
300
400
700
V
Maximum average forward current
IAV
A
10
Peak forward surge current,8.3ms single half
sine-wave superimposed on rated load
IFSM
150
A
Typical thermal resistance
per diode(Note 1)
Rθ-JC
°C/W
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Typical forward voltage per leg at 10A
VF
1.00
1.30
1.70
V
Maximum average reverse current
TJ=25°C
at rated DC blocking voltage
TJ=125°C
IR
5
μA
250
Typical reverse recovery time(Note 2)
TRR
35
nS
SF
1002
800
560
800
SF
1003
SF
1004
SF
1007
SF
1008
2.5
2.80
600
420
600
SF
1006
500
350
500
SF
1005
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
 Weight:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
Circuit figure: Single positive
ITO-220AC 1.65 grams


Similar Part No. - SF1002

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
SF1002 MTRONPTI-SF1002 Datasheet
332Kb / 2P
140 MHz 40kHz SAW Filter
logo
PACELEADER INDUSTRIAL
SF1002 PACELEADER-SF1002 Datasheet
538Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
SF1002 GXELECTRONICS-SF1002 Datasheet
579Kb / 2P
VOLTAGE - 50 TO 600 VOLTS CURRENT - 10 AMPERES
logo
Yea Shin Technology Co....
SF1002 YEASHIN-SF1002 Datasheet
38Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 10.0 Amperes
logo
Dongguan City Niuhang E...
SF1002 NIUHANG-SF1002 Datasheet
528Kb / 3P
SUPER FAST RECTIFIERS
More results

Similar Description - SF1002

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com