Electronic Components Datasheet Search
  English  ▼

X  

SF2001CT Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # SF2001CT
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SF2001CT Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  SF2001CT Datasheet HTML 1Page - SUNMATE electronic Co., LTD SF2001CT Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes: 1. Thermal resistance from junction to case.
2. Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
RATINGS
SYMBOL
UNIT
Maximum repetitive reverse voltage
VRRM
200
300
400
500
V
Maximum RMS voltage
VRMS
140
210
280
350
V
Maximum DC blocking voltage
VDC
200
300
400
500
V
Maximum average forward current
IAV
A
20
Peak forward surge current,8.3ms single half
sine-wave superimposed on rated load
IFSM
300
A
Typical thermal resistance
per diode(Note 1)
Rθ-JC
°C/W
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Typical forward voltage per leg at 10A
VF
1.00
1.30
1.70
V
Maximum average reverse current
TJ=25°C
at rated DC blocking voltage
TJ=125°C
IR
5
μA
250
Typical reverse recovery time(Note 2)
TRR
35
nS
SF
2002CT
600
420
600
SF
2003CT
SF
2004CT
SF
2005CT
SF
2006CT
2.5
100
70
100
SF
2001CT
CURRENT: 20A
VOLTAGE RANGE: 100 - 600V
Feaures
Mechanical Data
Maximum Ratings And Electrical Characteristics T
A = 25
°C
SUPER FAST RECTIFIERS
SF2001CT - SF2006CT
1 of 2
www.sunmate.tw
 Glass passivated chip junctions
 High Forward Surge Capability
 Super fast recovery time for switching
mode application
 Lead free in compliance with EU RoHS
2011/65/EU directive
 Low Reverse Current
 Leads:
 Polarity:
 Mounting torque:
 Terminals:
as marked
Solderable per mil-std-202, Method 208
5 in-lbs maximum
Puretin plated
Circuit figure: Common Cathode
 Weight: TO-220AB 1.85 grams
TO-220AB
Ø3.84
±0.15
10.0±0.2
1.3±0.2
0.8±0.2
2.54±0.1
1.27±0.10
4.5±0.2
2.5±0.2
0.38±0.10
PIN1
PIN3
PIN2
PIN2
PIN 1
PIN 3
PIN 2 &
(case)


Similar Part No. - SF2001CT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF2001CT PACELEADER-SF2001CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results

Similar Description - SF2001CT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com