Electronic Components Datasheet Search
  English  ▼

X  

56858 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 56858
Description  16-bit Digital Signal Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56858 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 56858 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56858 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Introduction
56858 Technical Data, Rev. 6
Freescale Semiconductor
13
HD0
GPIOB0
J3
33
Input
Input/Output
Host Address (HD0)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (0)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
HD1
GPIOB1
K2
34
Input
Input/Output
Host Address (HD1)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (1)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
HD2
GPIOB2
L2
35
Input
Input/Output
Host Address (HD2)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (2)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
HD3
GPIOB3
J4
40
Input
Input/Output
Host Address (HD3)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (3)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
HD4
GPIOB4
L4
41
Input
Input/Output
Host Address (HD4)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (4)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
HD5
GPIOB5
J5
42
Input
Input/Output
Host Address (HD5)—This input provides data selection for HI
registers.
This pin is disconnected internally during reset.
Port B GPIO (5)—This pin is a General Purpose I/O (GPIO) pin when
not configured for host port usage.
Table 3-1 56858 Signal and Package Information for the 144-pin LQFP and MAPBGA
Signal
Name
BGA
Pin No.
LQFP
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com