Electronic Components Datasheet Search
  English  ▼

X  

5219213 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 5219213
Description  Encoder cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

5219213 Datasheet(HTML) 1 Page - Festo Corporation.

  5219213 Datasheet HTML 1Page - Festo Corporation. 5219213 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encoder cable
NEBM-REG6-E-2.5-Q14N-REG6
Part number: 5219213
General operating condition
Data sheet
Feature
Value
Cable designation
Without label holder
Electrical connection 1, function
Field device end
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
Connection diagram RE
Electrical connection 1, number of pins/wires
6
Electrical connection 1, occupied pins/wires
6
Electrical connection for input 1, connection pattern
00995793
Electrical connection 2, function
Control side
Electrical connection 2, design
Rectangular
Electrical connection 2, connection type
Plug
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
Connection diagram RE
Electrical connection 2, number of pins/wires
6
Electrical connection 2, occupied pins/wires
6
Electrical connection 2, connection pattern
00995792
DC operating voltage range
0 V ... 30 V
Operating voltage range AC
0 V ... 30 V
Current rating at 40° C
1.6 A
Surge resistance
2 kV
Cable length
2.5 m
Cable characteristic
Suitable for energy chains
Connector cable test conditions
Test conditions on request
Bending radius, fixed cable installation
≥55 mm
Bending radius, flexible cable installation
≥55 mm
Cable diameter
7.4 mm
Cable design
2 x 0.51 mm² + 4 x 0.205 mm²
Nominal conductor cross section
0.51 mm²
Nominal conductor cross section
AWG20
AWG24
Degree of protection
IP20
Note on degree of protection
In mounted state
Ambient temperature
-40 °C ... 80 °C
Ambient temperature with flexible cable installation
-10 °C ... 80 °C
CE marking (see declaration of conformity)
As per EU RoHS directive
5/19/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 5219213

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
5219214 FESTO-5219214 Datasheet
77Kb / 2P
Encoder cable
5219215 FESTO-5219215 Datasheet
77Kb / 2P
Encoder cable
5219216 FESTO-5219216 Datasheet
71Kb / 2P
Encoder cable
More results

Similar Description - 5219213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
ENCODER
logo
Vishay Siliconix
87784 VISHAY-87784 Datasheet
52Kb / 1P
8-Pin Encoder Cable for the Power Electronics Lab
25-Nov-15
logo
Red Lion Controls. Inc
ZLZ0050G REDLION-ZLZ0050G Datasheet
456Kb / 2P
MODEL ZLZ - LINEAR CABLE ENCODER
ZLZ0500G REDLION-ZLZ0500G Datasheet
456Kb / 2P
MODEL ZLZ - LINEAR CABLE ENCODER
logo
TE Connectivity Ltd
SK6 TEC-SK6 Datasheet
480Kb / 5P
Cable Actuated Encoder Reel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com