Electronic Components Datasheet Search
  English  ▼

X  

550749 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 550749
Description  Encoder cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

550749 Datasheet(HTML) 1 Page - Festo Corporation.

  550749 Datasheet HTML 1Page - Festo Corporation. 550749 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Encoder cable
NEBM-M12G8-E-10-S1G9
Part number: 550749
General operating condition
Data sheet
Feature
Value
Cable designation
Without label holder
Electrical connection 1, function
Field device end
Electrical connection 1, design
Round
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 1, number of pins/wires
8
Electrical connection 1, occupied pins/wires
8
Electrical connection for input 1, connection pattern
00992265
Electrical connection 2, function
Control side
Electrical connection 2, design
Rectangular
Electrical connection 2, connection type
Plug
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
Sub-D
Electrical connection 2, number of pins/wires
9
Electrical connection 2, occupied pins/wires
8
Electrical connection 2, connection pattern
00995639
DC operating voltage range
0 V ... 30 V
Nominal operating voltage DC
24 V
Operating voltage range AC
0 V ... 30 V
Nominal operating voltage AC
24 V
Shield
yes
Cable length
10 m
Cable characteristic
Suitable for energy chains
Bending radius, flexible cable installation
≥49 mm
Cable diameter
6.5 mm
Cable design
4 x 2 x 0.14 mm²
Nominal conductor cross section
0.14 mm²
Degree of protection
IP65
Note on degree of protection
IP30 for Sub-D plug
In mounted state
Ambient temperature
-40 °C ... 70 °C
Ambient temperature with flexible cable installation
-40 °C ... 70 °C
CE marking (see declaration of conformity)
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364-B2-L
5/19/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 550749

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
550748 FESTO-550748 Datasheet
82Kb / 2P
Encoder cable
More results

Similar Description - 550749

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
ENCODER
logo
ELAN Microelectronics C...
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
Keyboard Encoder
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
ENCODER
logo
Vishay Siliconix
87784 VISHAY-87784 Datasheet
52Kb / 1P
8-Pin Encoder Cable for the Power Electronics Lab
25-Nov-15
logo
Red Lion Controls. Inc
ZLZ0050G REDLION-ZLZ0050G Datasheet
456Kb / 2P
MODEL ZLZ - LINEAR CABLE ENCODER
ZLZ0500G REDLION-ZLZ0500G Datasheet
456Kb / 2P
MODEL ZLZ - LINEAR CABLE ENCODER
logo
TE Connectivity Ltd
SK6 TEC-SK6 Datasheet
480Kb / 5P
Cable Actuated Encoder Reel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com