Electronic Components Datasheet Search
  English  ▼

X  

DF206S Datasheet(PDF) 3 Page - Won-Top Electronics

Part # DF206S
Description  2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DF206S Datasheet(HTML) 3 Page - Won-Top Electronics

  DF206S Datasheet HTML 1Page - Won-Top Electronics DF206S Datasheet HTML 2Page - Won-Top Electronics DF206S Datasheet HTML 3Page - Won-Top Electronics DF206S Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
3
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
330
1,500
340 x 337 x 45
3,000
370 x 370 x 420
24,000
17.0
DF200S – DF2010S
WON-TOP ELECTRONICS
®
inches(mm)
Product ID Label
Direction of Unreeling
16mm
4mm
1.6mm
Note: 1. Anti-static or paper reel, blue or white color.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
TAPE & REEL
330mm
16mm
12mm
0.060 MIN
(1.52 MIN)
0.404 MAX
(10.26 MAX)
0.047 MIN
(1.20 MIN)
0.205(5.2)
0.195(5.0)
-
+
~
~
D F 20x S
DF20xS
= Device Number
x
= 0, 1, 2, 4, 6, 8 or 10
Polarity
= As Marked on Body



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com