Electronic Components Datasheet Search
  English  ▼

X  

DF2010S Datasheet(PDF) 1 Page - Won-Top Electronics

Part # DF2010S
Description  2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DF2010S Datasheet(HTML) 1 Page - Won-Top Electronics

  DF2010S Datasheet HTML 1Page - Won-Top Electronics DF2010S Datasheet HTML 2Page - Won-Top Electronics DF2010S Datasheet HTML 3Page - Won-Top Electronics DF2010S Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
1
Pb
Features
Glass Passivated Die Construction
G
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
-
+
Designed for Surface Mount Application
B
~
~
A
D
E
Plastic Material – UL Recognition Flammability
Classification 94V-0
C
L
H
Mechanical Data
J
Case: DF-S, Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
K
Polarity: As Marked on Case
Weight: 0.38 grams (approx.)
Mounting Position: Any
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DF
200S
DF
201S
DF
202S
DF
204S
DF
206S
DF
208S
DF
2010S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 40°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
60
A
Forward Voltage per element
@IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
10
500
µA
I
2t Rating for Fusing (t < 8.3ms)
I
2t
15
A
2s
Typical Junction Capacitance per leg (Note 1)
CJ
25
pF
Typical Thermal Resistance per leg (Note 2)
RθJA
RθJL
40
15
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on PC board with 13 x 13mm copper pad.
DF200S – DF2010S
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
WON-TOP ELECTRONICS
®
DF-S
Dim
Min
Max
A
7.80
8.50
B
6.20
6.50
C
0.20
0.35
D
0.076
0.33
E
—
10.40
G
1.02
1.53
H
8.13
8.80
J
2.20
2.50
K
5.00
5.20
L
1.00
1.20
All Dimensions in mm


Similar Part No. - DF2010S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF2010 WTE-DF2010 Datasheet
50Kb / 4P
2.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - DF2010S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ABS205 ZSELEC-ABS205 Datasheet
164Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB201S ZSELEC-DB201S Datasheet
73Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DBLS201G ZSELEC-DBLS201G Datasheet
73Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HDBL201G ZSELEC-HDBL201G Datasheet
99Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
RABF22 DIODES-RABF22 Datasheet
501Kb / 5P
2.0A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
DI200S ZSELEC-DI200S Datasheet
118Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB205S ZSELEC-TB205S Datasheet
86Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB202S YFWDIODE-DB202S Datasheet
440Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
U20T01 YFWDIODE-U20T01 Datasheet
400Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
UABS201 YFWDIODE-UABS201 Datasheet
393Kb / 3P
2.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com