Electronic Components Datasheet Search
  English  ▼

X  

A1021 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A1021
Description  Cascadable Amplifier 10 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A1021 Datasheet(HTML) 1 Page - Tyco Electronics

  A1021 Datasheet HTML 1Page - Tyco Electronics A1021 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"#
$
%
& '
'
'
( )'
* ' +
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
,
" =
2
#
"&>
,!? " " $
" !
!$
$ !,#
!
! #
!
! " ,"
> &
"
, >#
!
> @
#
,!
# &
#
3 #
!
3
>
> !
%$ ! & !,
=!
3 ;< >
!,!
@ ! $
#
$ *
> #
!
0 " 7*
! +$
' $! #
@ ,
"
&
? ! '4A*+ ;*
!3 !
!
! !,
3
>
%
-
.
/ %
. -
0
1 .
=
7*
+'=
+$
' $!
<=
BB
+'= < !!
)
0
2 3
4
.
0
2 3
+
,
#
$
*
C<
9
C<
<
#
$
C<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
@6
. D
/
:
E+F+
0$ !*4!
#
$
.
/
C<
"
4
.
"
2
!
GH
C< :
!
6
;
#
! 6
:
I$!
!
#
$
2
=> 3 <
H
C<
B73
#
$
#
!
#
!$ >
<=
?,$
!
<
9
< ! &
BB "
!!
)
3
!
!
2 (
#
!


Similar Part No. - A1021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1021 MACOM-A1021 Datasheet
104Kb / 1P
TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A1021 MA-COM-A1021 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1021 MA-COM-A1021 Datasheet
633Kb / 3P
Cascadable Amplifier 10 to 1000 MHz
A1021-SMA1021 MA-COM-A1021-SMA1021 Datasheet
1Mb / 2P
Cascadable Amplifier
A1021-SMA1021 MA-COM-A1021-SMA1021_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A1021

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1000 MHz
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com