Electronic Components Datasheet Search
  English  ▼

X  

LTM4659EVPBF Datasheet(PDF) 15 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM4659EVPBF Datasheet HTML 11Page - Analog Devices LTM4659EVPBF Datasheet HTML 12Page - Analog Devices LTM4659EVPBF Datasheet HTML 13Page - Analog Devices LTM4659EVPBF Datasheet HTML 14Page - Analog Devices LTM4659EVPBF Datasheet HTML 15Page - Analog Devices LTM4659EVPBF Datasheet HTML 16Page - Analog Devices LTM4659EVPBF Datasheet HTML 17Page - Analog Devices LTM4659EVPBF Datasheet HTML 18Page - Analog Devices LTM4659EVPBF Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTM4659
15
Rev. 0
For more information www.analog.com
to hardware evaluation performed on a µModule pack-
age mounted to a hardware test board—also defined by
JESD51-9 (“Test Boards for Area Array Surface Mount
Package Thermal Measurements”). The motivation for
providingthesethermalcoefficientsisfoundinJESD51-12
(“Guidelines for Reporting and Using Electronic Package
Thermal Information”).
Many designers may use laboratory equipment and a test
vehicle such as the demo board to anticipate the µModule
regulator’s thermal performance in their application at
various electrical and environmental operating conditions
to compliment any FEA activities. Without FEA software,
the thermal resistances reported in the Pin Configuration
section are in-and-of themselves not relevant to providing
guidance on thermal performance; instead, the derating
curves provided in the data sheet can be used in a man-
ner that yields insight and guidance pertaining to one’s
application-usage,andcanbeadaptedtocorrelatethermal
performance to one’s own application.
The Pin Configuration section typically gives four thermal
coefficients explicitly defined in JESD51-12; these coef-
ficients are quoted or paraphrased below.
1. θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in one cubic foot sealed enclosure.
This environment is sometimes referred to as “still air”
although natural convection causes the air to move.
This value is determined with the part mounted to a
JESD51-9 defined test board, which does not reflect
an actual application or viable operating condition.
2. θJCbot, the thermal resistance from junction to bottom
of the product case, is determined with all of the com-
ponent power dissipation flowing through the bottom
of the package. In the typical module regulator, the bulk
of the heat flows out the bottom of the package, but
there is always heat flow out into the ambient environ-
ment. As a result, this thermal resistance value may be
useful for comparing packages, but the test conditions
don’t generally match the user’s application.
3. θJCtop, the thermal resistance from the junction to the
top of the product case, is determined with nearly all
of the component power dissipation flowing through
the top of the package. As the electrical connections of
the typical µModule are on the bottom of the package,
it is rare for an application to operate such that most
of the heat flows from the junction to the top of the
part. As in the case of θJCbot, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.
A graphical representation of the aforementioned thermal
resistances is shown in Figure  5; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule.
APPLICATIONS INFORMATION
4659 F05
µModule DEVICE
θJCtop JUNCTION-TO-CASE
(TOP) RESISTANCE
θJA JUNCTION-TO-AMBIENT RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
θJCbot JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure 5. Graphical Representation of JESD51-12 Thermal Coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com