Electronic Components Datasheet Search
  English  ▼

X  

LTM4693 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4693
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4693 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4693 Datasheet HTML 9Page - Analog Devices LTM4693 Datasheet HTML 10Page - Analog Devices LTM4693 Datasheet HTML 11Page - Analog Devices LTM4693 Datasheet HTML 12Page - Analog Devices LTM4693 Datasheet HTML 13Page - Analog Devices LTM4693 Datasheet HTML 14Page - Analog Devices LTM4693 Datasheet HTML 15Page - Analog Devices LTM4693 Datasheet HTML 16Page - Analog Devices LTM4693 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTM4659
13
Rev. 0
For more information www.analog.com
Once the soft-start cycle has been completed and the
output power good flag has been thrown, the SSTT pin
reports the die junction temperature. The LTM4659 regu-
lates the SSTT pin to a voltage proportional to the junction
temperature. While reporting the temperature, the SSTT
voltage is not valid below 1V. The junction temperature
is calculated using Equation 6.
TJ (°C) =
VSSTT
4mV
– 273
(6)
The following procedure is used for a more accurate mea-
surement of the junction temperature.
1. Measure the ambient temperature TA.
2. Measure the SSTT voltage while in PSM with the VOUT
pulled up slightly higher than the regulated VOUT.
3. Calculate the slope of the temperature sensing circuit
using Equation 7.
Slope mV
°C
⎛
⎝
⎜
⎞
⎠
⎟=
VSSTT
TA + 273
(7)
4. Calculate the junction temperature with the new cali-
brated slope.
When the output voltage goes out of regulation and the
power good pin is pulled low, the soft-start pin no longer
reports the temperature.
Power Good
The PGOOD pins are open-drain pins that can be used to
monitorvalidoutputvoltageregulation.Thispinmonitorsa
−3/10%windowaroundtheregulationpoint.Aresistorcan
be pulled up to a particular supply voltage for monitoring.
To prevent unwanted PGOOD glitches during transients
or dynamic VOUT changes, the LTM4659’s PGOOD falling
edgeincludesablankingdelayofapproximately100µs.The
PGOOD is also actively pulled low during fault conditions:
RUN pin is low, VIN is too low, or in thermal shutdown.
Transient Response and Loop Compensation
When determining the compensation components, CFF,
RC, and CC, control loop stability and transient response
are the two main considerations. The LTM4659 has been
designed to operate at high bandwidth for fast transient
response capability. Operating at a high loop bandwidth
reduces the output capacitance required to meet transient
response requirements. Applying a load transient and
monitoring the system’s response or using a network ana-
lyzer to measure the actual loop response are two ways
to verify and optimize LTM4659. For more information,
refer to the Analog Devices technical article: “Understand
Power Supply Loop Stability and Loop Compensation—
Part 1: Basic Concepts and Tools”. Analog Devices
LTpowerCAD is a useful tool for optimizing the compen-
sation components.
When using the load transient response method to sta-
bilize the control loop, apply an output current pulse of
20% to 100% of the full load current having a rise time
of 1µs. This will produce a transient on the output voltage
and COMP pin waveforms.
Switching regulators take multiple cycles to respond
to a step in load current. When a load step occurs,
VOUT is immediately perturbed, generating a feedback
error signal used by the regulator to return VOUT to its
steady-state value.
During this recovery time, monitor VOUT for overshoot
or ringing indicating a stability problem. The initial out-
put voltage step may not be within the bandwidth of the
feedback loop, so the standard second-order overshoot/
DC ratio cannot be used to determine the phase margin.
The gain of the loop increases with the RC, and the band-
width of the loop increases with decreasing CC. If RC is
increased by the same factor that CC is decreased, the
zero frequency will be kept the same, thereby keeping the
phase the same in the most critical frequency range of the
feedback loop. In addition, adding a feedforward capaci-
tor, CFF, improves the high frequency response. Capacitor
CFF provides phase lead by creating a high-frequency zero
with RA to improve the phase margin. The compensation
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com