Electronic Components Datasheet Search
  English  ▼

X  

LTM4611 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4611
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4611 Datasheet(HTML) 3 Page - Analog Devices

  LTM4611 Datasheet HTML 1Page - Analog Devices LTM4611 Datasheet HTML 2Page - Analog Devices LTM4611 Datasheet HTML 3Page - Analog Devices LTM4611 Datasheet HTML 4Page - Analog Devices LTM4611 Datasheet HTML 5Page - Analog Devices LTM4611 Datasheet HTML 6Page - Analog Devices LTM4611 Datasheet HTML 7Page - Analog Devices LTM4611 Datasheet HTML 8Page - Analog Devices LTM4611 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTM4659
3
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT(DC)
Output Continuous Current Range
VOUT = 0.5V (Note 4)
10
A
∆VOUT(LINE)/VOUT Line Regulation Accuracy
FREQ = VIN, VOUT = 1.5V, VIN = 5.5V, IOUT = 0A l
0.001
0.8
%/V
∆VOUT(LOAD)/VOUT Load Regulation Accuracy
VIN = FREQ = 3.3V, SYNC = 1.0MHz,
VOUT = 0.5V, IOUT = 0A to 10A
l
1
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100μF + 22μF ×2 Ceramic,
(Notes 4)
2
mV
∆VOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 100μF + 22μF ×2 Ceramic,
(Notes 4)
5
mV
tSTART
Turn-On Time
COUT = 100μF + 22μF ×2 Ceramic, No Load,
SSTT = 0.1μF (Note 4)
5
ms
ISSTT
Track Pin Soft-Start Pull-Up Current
SSTT = 0.5V
7
10
13
μA
∆VOUTLS
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load
COUT = 100μF + 22μF ×2 Ceramic
(Note 4)
157
mV
tSETTLE
Settling Time for Dynamic Load Step
Load: 0% to 50% to 0% of Full Load,
COUT = 100μF + 22μF ×2 Ceramic,
(Note 4)
15
μs
IOUTPK
Output Current Limit
VIN = 3.3V, VOUT = 0.5V
18
A
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 1.5V
l
0.495
0.50
0.505
V
IFB
Current at VFB Pin
±20
nA
VPGOOD
PGOOD Trip Level
Undervoltage Falling Threshold
Overvoltage Rising Threshold
As a Percentage of Regulated VOUT
VFB Ramping Negative
VFB Ramping Positive
–4
7
–3
10
–2
13
%
%
IPGOOD
PGOOD Leakage
VPGOOD = 5.5V
50
nA
fOSC
Oscillator Frequency
2
MHz
SYNC_RANGE
Sync Frequency Range
FREQ = VIN
1.0
2.6
MHz
SYNC_LEVEL
Clock Level High on SYNC
Clock Level Low on SYNC
1.2
0.4
V
V
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C, (Note 2). VIN = 3.3V per the typical application.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4659 is tested under pulsed load conditions such
that TJ ≈ TA. The LTM4659E is guaranteed to meet performance
specifications over the 0°C to 125°C internal operating temperature
range. Specifications over the full –40°C to 125°C internal operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTM4659I is guaranteed to meet
specifications over the full –40°C to 125°C internal operating temperature
range. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3: See output current derating curves for different VIN, VOUT and TA.
Note 4: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com