Electronic Components Datasheet Search
  English  ▼

X  

LTC7103 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC7103
Description  100V VIN and VOUT Synchronous 4-Switch Multiphase Buck-Boost DC/DC Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7103 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC7103 Datasheet HTML 38Page - Analog Devices LTC7103 Datasheet HTML 39Page - Analog Devices LTC7103 Datasheet HTML 40Page - Analog Devices LTC7103 Datasheet HTML 41Page - Analog Devices LTC7103 Datasheet HTML 42Page - Analog Devices LTC7103 Datasheet HTML 43Page - Analog Devices LTC7103 Datasheet HTML 44Page - Analog Devices LTC7103 Datasheet HTML 45Page - Analog Devices LTC7103 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
Data Sheet
LT8210-1
analog.com
Rev. A
42 of 59
power dissipation for switches A, B, C, and D as a function of the input and output voltages and switching region. The
purpose is to guide MOSFET selection by determining where the majority of power is being dissipated. In the
following equations, ρτ is a normalization factor (unity at 25°C) accounting for the significant variation in on-
resistance with temperature, typically 0.4%/°C, as shown in Figure 67. For a maximum junction temperature of 125°C,
using a value of ρτ = 1.5 is reasonable. QSW is the switching charge and can be approximated as QSW = QGD + QGS/2 if not
explicitly stated in the MOSFET data sheet.
Figure 67. Normalized RDS(ON) vs. Temperature
The constant k is empirically derived to equal 1.3 and is a function of driver resistance, MOSFET threshold, and gate
resistance.
Switch A:
The power dissipation in switch A is due to both conduction and switching losses and typically reaches a maximum
at either VIN(MIN)in the boost region or VIN(MAX)in the buck region.
Table 6. Switch A Power Dissipation
REGION
POWER DISSIPATION
Buck
I OUT2 • (VOUT /VIN) • ρτ • RDS(ON) + k • IOUT • VIN • f SW • QSW
Buck-Boost
I OUT2 • (VOUT /VIN) • ρτ • RDS(ON) + k • IOUT • VIN • f SW • QSW
Boost
I OUT2 • (VOUT /VIN) 2 • ρτ • RDS(ON)
Pass-Thru (Non-Switching)
I OUT2 • ρτ • RDS(ON)
Switch B:
Switch B power dissipation is due mainly to conduction losses and reaches a maximum in the buck region at VIN(MAX).
Table 7. Switch B Power Dissipation
REGION
POWER DISSIPATION
Buck
IOUT2 • (1 - VOUT/VIN) • ρτ • RDS(ON)
Buck-Boost
IOUT 2 • (1 - VOUT/VIN) • ρτ • RDS(ON)
Boost
0
Pass-Thru (Non-Switching)
0
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
0.5
0
0
50
100
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com