Electronic Components Datasheet Search
  English  ▼

X  

A4012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # A4012
Description  Cascadable Amplifier 1000 to 4000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A4012 Datasheet(HTML) 1 Page - Tyco Electronics

  A4012 Datasheet HTML 1Page - Tyco Electronics A4012 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!"
#
$
% &
&
&
' (&
) & *
%$ ! &
'()
*
*
*
+
+ ,!
' ! - !.
/
' !
!
-
.
/
0
0
0
1 2
3
!
/
4
,$
-
.
/
5
6$ #$
7
/
# - !.
/
35
/
8
35
/
8
+
! 6
(
!
3
5
/
8
+9 1 3!#$
6$ #$ -
.
:; ;$
! 7
-
.
<
+
,
9 3
:= /<4:9 3
: (
'()- >5 .
(3
'( '<3
4
/ - >5 .
?=:3@? 6@ 5@ 569 =1 8
/
- >5 .
A69 463
+= 3
'@1=
/ - >5 .
" <
2
#
"&B
,!C
" " $
" !
!$
$ !,#
$
#
!
! " ,"
B &
"
, ' <
=
B D
#
,!
# &
#
2 #
!
"
2
B
B !
%$ ! & !,
/ " 6*
! +$
? $! #
D ,
"
&
C ! ?3A*+ :*
!2 !
!
! !,
2
B
$
-
.
/ $
. -
0
1 .
<
6*
+?<
+$
? $!
?<<?*
*;<
+?< ; !!
)
EE
0
2 3
4
.
0
2 3
+
,
#
$
*
F;
8
F;
;
#
$
8
F;
:;
,
8
; ! !$ $ 3!#$ 5
8
/
+"
3!#$ #
-
!$
.
9
5
D5
- G
.
9
H+I+
/$ !*3!
#
$
-
.
8
F;
!
4
.
"
1
!
JK
F; 9
!
5
:
#
! 5
9
L$!
!
#
$
1
<B 2 ;
K
8 F;
E62
#
$
#
!
#
!$ B
;<
C,$
!
;
8
; ! &
EE "
!!
)
2
!
!
1 (
#
!


Similar Part No. - A4012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A4012 MACOM-A4012 Datasheet
97Kb / 1P
1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
A4012 ETC1-A4012 Datasheet
96Kb / 1P
1.0 TO 4.0 GHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A4012-SMA4012 MA-COM-A4012-SMA4012 Datasheet
1Mb / 2P
Cascadable Amplifier
A4012-SMA4012 MA-COM-A4012-SMA4012_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results

Similar Description - A4012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RA46 MACOM-RA46 Datasheet
455Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45-1 MACOM-A45-1_1 Datasheet
383Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MACOM-A45_1 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
LA45 MACOM-LA45 Datasheet
407Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45-1 MA-COM-A45-1 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A4012 MA-COM-A4012 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
PA48 MA-COM-PA48 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
RA46 MA-COM-RA46 Datasheet
186Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45_15 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com