Electronic Components Datasheet Search
  English  ▼

X  

MBR3020CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MBR3020CT
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MBR3020CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MBR3020CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MBR3020CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Diodes
MBR3020CT
www.iscsemi.com
1
FEATURES
· Low power loss high efficiency
· High surge capacity, High current capability
· Guard ring for transient protection
APPLICATIONS
· GTypical applications are in switching power supplies,
converters,freewheeling diodes, and reverse battery protection
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
20
V
IF(AV)
Average Rectified Forward Current
(60Hz half sin wavez)
30
A
IFSM
Non-repetitive Peak Surge Current
(60Hz half sin wavez)
250
A
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
3
2
1
TO-220C Package
1
3
2
Pin 1 Anode
2 Cathode
3 Anode


Similar Part No. - MBR3020CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR3020CT PANJIT-MBR3020CT Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
MBR3020CT CTC-MBR3020CT Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Kersemi Electronic Co.,...
MBR3020CT KERSEMI-MBR3020CT Datasheet
765Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
MBR3020CT KERSEMI-MBR3020CT Datasheet
767Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Digitron Semiconductors
MBR3020CT DIGITRON-MBR3020CT Datasheet
296Kb / 3P
30A SCHOTTKY RECTIFIER
More results

Similar Description - MBR3020CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com