Electronic Components Datasheet Search
  English  ▼

X  

ML2002-4U Datasheet(PDF) 12 Page - Minilogic Device Corporation Limited

Part # ML2002-4U
Description  Static/Half Duty LCD COG Driver with Real Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML2002-4U Datasheet(HTML) 12 Page - Minilogic Device Corporation Limited

Back Button ML2002-4U Datasheet HTML 5Page - Minilogic Device Corporation Limited ML2002-4U Datasheet HTML 6Page - Minilogic Device Corporation Limited ML2002-4U Datasheet HTML 7Page - Minilogic Device Corporation Limited ML2002-4U Datasheet HTML 8Page - Minilogic Device Corporation Limited ML2002-4U Datasheet HTML 9Page - Minilogic Device Corporation Limited ML2002-4U Datasheet HTML 10Page - Minilogic Device Corporation Limited ML2002-4U Datasheet HTML 11Page - Minilogic Device Corporation Limited ML2002-4U Datasheet HTML 12Page - Minilogic Device Corporation Limited ML2002-4U Datasheet HTML 13Page - Minilogic Device Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
P12/13
Preliminary, November 2008
ML2002 Preliminary
1. To ensure the good flip-chip assembly quality, we suggest flip-chip bonding house add a “CHECK”
pin for each COG module as shown on the section of “Application Example”. Pin “LOAD” and Pin
“CHECK” shall be connected together if the flip-chip assembly is in good condition. The measured
resistance between Pin “LOAD” and Pin “CHECK” shall not more than 5 kohm.
2. The resistance of ITO glass shall between 15 ohm/□ to 25 ohm/□.
3. Each Common (ie. COM1A and COM1B) shall not cover more than 2,000 mm2 area. In case the
Viewing area of LCD has to be more than 2,000 mm2, more common output has to be used.
Example :
Note : COM1A and COM1B shall cover half of the Viewing Area (ie. Area = 1,300mm2)
Each Common shall not connect to each other.
Application Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com