Electronic Components Datasheet Search
  English  ▼

X  

AM-131 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-131
Description  High Performance Amplifier, 10dB Gain 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-131 Datasheet(HTML) 2 Page - Tyco Electronics

  AM-131 Datasheet HTML 1Page - Tyco Electronics AM-131 Datasheet HTML 2Page - Tyco Electronics AM-131 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&''())**)) + ,%-.& ())**))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
"
#
$%
&
' (()*
+!()* *
*
,
-
.
/ .
.
=
> 5*1
3
-/
0''
0')
+ :
?
@
3
@
@
A'.
=
2
$
@
3
@
@
A0 '
0 3
9
3
3
50)
50-
@
@
@
@
4
+
@
3
3
@
@
@
@
.1
1 1
?
$
@
3
@
0&
01
2<B ?
@
?
?
@
@
@
@
* 1%0
*%0
9*
$
$
50' 3
3
3
5((
5/'
@
@
@
@
9(
$
$
50' 3
3
3
5**
5(*
@
@
@
@
2"
@
28
50/ 1
501 '
501 1
"
2"
C 501 '28
@
)*
.1
9
8
> 501 2 3
B
@
-('
@
0
/
1' D7
1 1'' D7
1 1'' D7
1 1'' D7
0' ('' D7
1 1'' D7
0' ('' D7
1 1'' D7
1 1'' D7
0' /'' D7
1 1'' D7
0' ('' D7
1 1'' D7
0' ('' D7
@
@
@
*
501 28 !
1'
( D
<
%
"
-1;
D
:
0 B
"
0
/
1 234
"
5
5
"$
5
5
" $
5
5
"$$
5
5
1
'*( .0 -
( 01 01.-
'00 0.( *
'01 -')
0'
'0* )1 *
( 0) 0.0 -
'0* 0.1 .
''.0'1 1
*'
''& 11 1
( 0.0.& /
'0( 0.* '
''/ 0*/ 0
1'
''1 )0 (
( 0.0)* -
'0( 0)'&
''* 0.& )
0''
''/ .& (
( 01 0/( 1
'0( 0/( -
''( 0'( .
*''
''* /0 -
( 0* 0')*
'0( 0'& 0
'0* &( /
(''
'0'1 '
( 0')& &
'0( .1 .
'*' 0'& '
/''
'01 *& .
( '-*-&
'0/ /* (
'*/ 0// 1
1''
'*' 0& )
( '. 0)/
'0/ 1 (
'*.01 '
"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com