Electronic Components Datasheet Search
  English  ▼

X  

571900 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 571900
Description  Motor cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

571900 Datasheet(HTML) 1 Page - Festo Corporation.

  571900 Datasheet HTML 1Page - Festo Corporation. 571900 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Motor cable
NEBM-M12G4-RS-2.23-N-M12G4H
Part number: 571900
General operating condition
Data sheet
Feature
Value
Conforms to standard
DIN 47100
EN 61984
Cable designation
Without label holder
Electrical connection 1, function
Field device end
Electrical connection 1, design
Round
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 1, number of pins/wires
4
Electrical connection 1, occupied pins/wires
4
Electrical connection 1, type of mounting
Screw-type lock with AF 14
Electrical connection for input 1, connection pattern
00995385
Electrical connection 2, function
Control side
Electrical connection 2, design
Round
Electrical connection 2, connection type
Plug
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection 2, number of pins/wires
4
Electrical connection 2, occupied pins/wires
4
Electrical connection 2, type of mounting
Screw-type lock with hexagon, AF 18
Electrical connection 2, connection pattern
00995386
DC operating voltage range
0 V ... 250 V
Operating voltage range AC
0 V ... 250 V
Current rating at 40° C
4 A
Shield
yes
Cable length
2.23 m
Cable characteristic
Suitable for robot applications
Bending radius, flexible cable installation
≥60 mm
Cable diameter
5.9 mm
Cable design
4 x 0.34 mm²
Nominal conductor cross section
0.34 mm²
Degree of protection
IP67
Note on degree of protection
In mounted state
Ambient temperature
-25 °C ... 80 °C
Ambient temperature with flexible cable installation
0 °C ... 40 °C
CE marking (see declaration of conformity)
As per EU RoHS directive
5/20/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 571900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
57190 MOLEX-57190 Datasheet
51Kb / 3P
Hand Crimper - UL1015
Jun 04, 2025
logo
Festo Corporation.
571902 FESTO-571902 Datasheet
77Kb / 2P
Encoder cable
logo
Molex Electronics Ltd.
571905000 MOLEX-571905000 Datasheet
51Kb / 3P
Hand Crimper - UL1015
Jun 04, 2025
logo
Festo Corporation.
571907 FESTO-571907 Datasheet
79Kb / 2P
Motor cable
More results

Similar Description - 571900

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
VCR Capstan Motor Brushless Motor Driver
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
logo
Qualtek Electronics Cor...
FAA1-12038-A QUALTEK-FAA1-12038-A Datasheet
1Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
FQA1-12038 QUALTEK-FQA1-12038 Datasheet
3Mb / 1P
Motor: Shaded Pole Induction Motor Motor Protection: Impedance Protected
logo
Rohm
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
1.0A Reversible Motor Drivers (Single Motor)
logo
List of Unclassifed Man...
HT23-598C ETC2-HT23-598C Datasheet
160Kb / 3P
NEMA 23 Step Motor with 10 Foot Shielded Cable
HT23-601C ETC2-HT23-601C Datasheet
185Kb / 3P
NEMA 23 Step Motor with 10 Foot Shielded Cable
HT34-506C ETC2-HT34-506C Datasheet
152Kb / 3P
NEMA 34 Step Motor with 10 Foot Shielded Cable
logo
MinebeaMitsumi Inc.
PPN13 MINEBEAMITSUMI-PPN13 Datasheet
101Kb / 1P
Motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com