Electronic Components Datasheet Search
  English  ▼

X  

AM-162 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-162
Description  Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-162 Datasheet(HTML) 2 Page - Tyco Electronics

  AM-162 Datasheet HTML 1Page - Tyco Electronics AM-162 Datasheet HTML 2Page - Tyco Electronics AM-162 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
!
"
!
"
#
$ %&''()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
" #
*
&
&!
)
#
* ++,
- +,
.
/
0
'
A
6 9*1
3
0* '
0* 1
0( '
+ =
>
C
3
C
C
D')
A
2
$
C
3
C
C
D')
0 3
:
3
90(
C
C
5
+
C
3
C
C
0 )
>
$
C
3
C
01
0/
2;E >
C
>
C
C
* '%0
:*
$
$
' 3
3
9/'
C
C
:(
$
$
' 3
3
9*)
C
C
2"
C
2@
90/ 1
901'
9011
"
2"
F 901'2@
C
00
01
:
@
6 9012 3
E
C
0)1
C
1
0
1' 78
0' 0'' 78
0' 0'' 78
0' 0'' 78
0' 0'' 78
0' 0'' 78
0' 0'' 78
0' 0'' 78
0' 0'' 78
C
C
C
*
9012@ !
1'
1
0
23$
!
4
4
!#
4
4
! #
4
4
!##
4
4
0'
''.0)1
/ ') ))
'0&
''-0)-0
*'
''- 0)) &
/ 0( ) 1
'0.
''- 01-*
('
''& 010 1
/ 0& 01&
'0.
''- 0*-1
/'
'0' 0/) -
/ *' */ '
'0.
'00 0*'(
1'
'00 0/.-
/ *( (* *
'0.
0
'0* 00..
)'
'00 01* '
/ 0- (-&
'0.
'0( 00& 1
.'
'0* 01-.
/ *' /..
'0.
'0/ 0*'(
&1
'0* 0.0 *
/ 0. 1-1
'0)
'0/ 0** )
0''
'0* 0./ 0
/ 01 .* 0
'0)
'01 0*( )
!



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com