Electronic Components Datasheet Search
  English  ▼

X  

AM-176 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-176
Description  Cascadable Thin Film Amplifier 13 dB Gain, 5 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-176 Datasheet(HTML) 2 Page - Tyco Electronics

  AM-176 Datasheet HTML 1Page - Tyco Electronics AM-176 Datasheet HTML 2Page - Tyco Electronics AM-176 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
!
"
!
"
#
$ %&''())**)) + ,%-.& ())**))
#
$ %//0-'& 1./*'' + ,%//0-'& 1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
"
*
%
&
$'
#
( ))*"
+ )*" "
"
,
-
.
/ .
.
?
@ =*1
3
0* *
0( *
0/*
+ <
7
A
3
A
A
B0 '
?
2
$
A
3
A
A
B0 '
0 3
;
3
=0*
A
A
4
+
A
3
A
A
1 '
7
$
A
3
A
0.
0/
256 7
A
7
A
A
0 &%0
;*
$
$
' 3
3
=(.
A
A
;(
$
$
' 3
3
=*1
A
A
2"
A
29
=0/1
=01 '
=01 1
"
2"
C =01 '29
A
(&
/(
;
9
@ =01 2 3
6
A
1.'
A
0
/
1'' D:
1 0''' D:
1 0''' D:
1 0''' D:
1 0''' D:
1 0''' D:
1 0''' D:
1 0''' D:
1 0''' D:
A
A
A
*
=01 29 !
1'
( D
5
%
"
-1>
D
<
)1' 6
"
0
/
1 234
%
5
5
%$
5
5
% $
5
5
%$$
5
5
1
'0/010 (
/1- 0)& 0
'0( '-
'0* 0//)
0'
'0/0)& /
/). 0.1 1
'0( '0
'0'01)(
*'
'0/0.& *
/)0 0.-)
'0( ''
''-0))1
1'
'0/0).-
/)0 0./1
'0( '0
''-0.'1
0''
'0( 0)0 )
/1& 0)& )
'0( 0 '
''& 0))&
*1'
'0* 0(* /
/1)0'0
'0/ ( 1
''& 0/--
1''
'0'&( -
/1.00-&
'01 -'
''.0*0 (
.1'
''& (-.
/1* &-0
'0) 0..
''1 .)0
0'''
''/ -0 /
/(-1& /
'0) *& /
''. --
%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com