Electronic Components Datasheet Search
  English  ▼

X  

AM-183 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM-183
Description  Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-183 Datasheet(HTML) 2 Page - Tyco Electronics

  AM-183 Datasheet HTML 1Page - Tyco Electronics AM-183 Datasheet HTML 2Page - Tyco Electronics AM-183 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
! "
!
!
"
!
"
#
$ %&''())**)) + ,%-.& ())**))
#
$ %//0-'& 1./*'' + ,%//0-'& 1./(''
#
$ %&0 //&//&*-) + ,%&0 //&//&*-&
2
# !
*
%
&
$'
#
( ))*"
+ )*" "
"
,
-
.
/ .
.
4
= 5*1
3
*.1
*& 1
*-1
+ :
>
?
3
?
?
@0 1
4
2
$
?
3
?
?
@0 *
0 3
9
3
50(
?
?
A
+
?
3
3
?
?
?
?
/1
1 '
>
$
?
3
?
(1
(*
2<B >
?
>
?
?
* '%0
9*
$
$
' 3
3
5('
?
?
9(
$
$
' 3
3
5*'
?
?
2"
?
27
50/1
501 '
501 1
"
2"
C 501 '27
?
.*
&'
9
7
= 501 2 3
B
?
0 0
?
0
/
.'' D8
0' 0''' D8
0' 0''' D8
0' 0''' D8
0' 1'' D8
0' 0''' D8
0' 0''' D8
0' 0''' D8
0' 0''' D8
0' 0''' D8
?
?
?
*
501 27 !
1'
( D
<
%
"
-1;
D
:
0 * B
"
0
/
1 234
%
5
5
%$
5
5
% $
5
5
%$$
5
5
1
'0/ 0/& (
(0 /( 0.-
''0 0 -
'*'0..*
0'
'0( 0.'0
(* ())(
''0 0 )
'0* -* .
*'
'0( 0.& (
(* )1 * )
''0 0 (
''-)-&
1'
'0* 0.-*
(( (0 0( )
''0 '1
'') .* -
0''
'00 0.& '
(( '- *-(
''0 * 0
''1 -& 0
*1'
'0* 0.0 0
(0 &. .0 -
''0 -(
'') 0*( /
1''
'0* 0*-.
*-(. 0//&
''0 ** 0
'0. 01( -
.1'
'0/ //'
*.'0 0/1 &
''0 /1 &
'*1 0.& 0
0'''
'*( 01''
(''-)1 -
''0 -.0
'*& &''
%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com