Electronic Components Datasheet Search
  English  ▼

X  

3019574 Datasheet(PDF) 1 Page - Turck, Inc.

Part # 3019574
Description  Vibration & Temperature Sensor For Condition Monitoring with IO-Link
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

3019574 Datasheet(HTML) 1 Page - Turck, Inc.

  3019574 Datasheet HTML 1Page - Turck, Inc. 3019574 Datasheet HTML 2Page - Turck, Inc. 3019574 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 3
Vibration & Temperature Sensor
For Condition Monitoring with IO-Link
CMVT-QR20-IOLX3-H1141
Type
CMVT-QR20-IOLX3-H1141
ID
100016543
Vibration — Acceleration
Sampling rate of the acceleration measuring cell
6.6 KHz
RMS measuring range
± 16 g
RMS resolution
0.01 g
RMS linearity deviation, typical
ð
±3 % @ 78 Hz
RMS repeatability, typical
ð
±5 % @ 78 Hz
Vibration — Speed
RMS measuring range
0…320 mm/s at 78 Hz
RMS resolution
0.01 mm/s
RMS linearity deviation, typical
ð
±1 % @ 78 Hz
RMS repeatability, typical
ð
±5 % @ 78 Hz
Temperature
Temperature measuring range
-40…85 °C
Temperature linearity deviation
ð
1 %
Temperature repeatability
ð
± 2.4 %
Electrical data
Operating voltage
18…30 VDC
Residual ripple
ð
10 % U
ss
Isolation test voltage
ð
0.5 kV
Communication protocol
IO-Link
Current consumption
< 50 mA
IO-Link
Communication mode
COM 3 (230.4 kBaud)
Function pin 4
IO-Link/SIO
Function Pin 2
SIO
Mechanical data
Design
Rectangular, QR20
Dimensions
71.6 x 62.6 x 20 mm
Housing material
Plastic, Ultem
Electrical connection
Connector, M12 × 1
■ Rectangular, plastic, Ultem
■ Status displayed via LED
■ Acceleration and speed output RMS or
peak to peak of the vibration
■ Acceleration measuring range ±16 g
■ Detection over 3 axes
■ Temperature measuring range -40 °C to
+85 °C
■ High protection class IP68/IP69K
■ 18…30 VDC, communication via IO-Link
■ 10…30 VDC, SIO mode PNP/NPN switch-
ing outputs
■ M12 × 1 male connector, 4-pin
Wiring Diagram
Functional principle
Condition monitoring sensors help to prevent
unplanned downtimes and malfunctions dur-
ing the production process. They monitor the
condition of the machine as a preventative
measure.
Using the CM sensors can prevent system
downtime or machine damage, which in turn
improves system effectiveness and allows un-
interrupted operation.
The use of CMVT sensors also directly bene-
fits the user in a quantifiable way.
Information on vibration and temperature is
output via the standardized IO-Link protocol.
Warning and alarm messages are also dis-
played via simple switching outputs.


Similar Part No. - 3019574

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
3019574 TURCK-3019574 Datasheet
338Kb / 3P
Vibration & Temperature Sensor For Condition Monitoring with IO-Link
2023-07-21
More results

Similar Description - 3019574

ManufacturerPart #DatasheetDescription
logo
ETAL Group
REX12D ETAL-REX12D Datasheet
1Mb / 6P
Control, diagnosis and monitoring via IO link
logo
TE Connectivity Ltd
830M1 TEC-830M1 Datasheet
694Kb / 15P
830M1 TRIAXIAL CONDITION MONITORING ACCELEROMETER
logo
WAGO Kontakttechnik Gmb...
750-645 WAGO-750-645 Datasheet
521Kb / 12P
2-channel vibration velocity/bearing condition monitoring VIB I/O
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
MAXREFDES171 MAXIM-MAXREFDES171 Datasheet
373Kb / 10P
IO-LINK DISTANCE SENSOR
REFD5819 MAXIM-REFD5819 Datasheet
998Kb / 11P
Santa Cruz (MAXREFDES23#): IO-Link Light Sensor
Feb 14, 2014
logo
Balluff Korea Ltd.
BCM0001 BALLUFF-BCM0001 Datasheet
119Kb / 3P
Condition Monitoring Sensors
BCM0002 BALLUFF-BCM0002 Datasheet
128Kb / 3P
Condition Monitoring Sensors
logo
Omron Electronics LLC
K6CM-CI OMRON-K6CM-CI Datasheet
1Mb / 40P
Motor Condition Monitoring Device
2020.10
logo
Advantech Co., Ltd.
WISE-2410X ADVANTECH-WISE-2410X Datasheet
436Kb / 2P
Explosion Proof LoRaWAN Wireless Condition Monitoring Sensor
23-Aug-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com