Electronic Components Datasheet Search
  English  ▼

X  

AT90-0283 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT90-0283
Description  Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT90-0283 Datasheet(HTML) 2 Page - Tyco Electronics

  AT90-0283 Datasheet HTML 1Page - Tyco Electronics AT90-0283 Datasheet HTML 2Page - Tyco Electronics AT90-0283 Datasheet HTML 3Page - Tyco Electronics AT90-0283 Datasheet HTML 4Page - Tyco Electronics AT90-0283 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
*
#
#
) " * +&(,
-
#
7
"
%
. /
<
946
"
"
7
946
@
"
#
0 1
2
3
#
0 1
,
7
' '1 <C=
' 1 ( 1 <C=
F*. 3
F(/ 3
4
2
2
2
F1 12
& 12
$
/'H
F&1H
4
$
)1H
F0*1H
5
2
/
' 12
2
F' 12
( 9,
"
/ 4
4 $$5
!
"
4
/
5
0
!
"/ !
0 1!
5
I
6
( 1 <C=
3
I
* &
( *
3
' 1 0 * / & 3
"
3
0
01 1 3
6
( 1 <C=
6
( 1 <C=
6
( 1 <C=
3
3
3
I
I
I
I
I
I
J ( F1K
J /F0'K
J 1F.K
24L :
+
:
6
( 1 <C=
:
I
0 )%0
0 &%0
4
4
1'K
-'K 0'K :+
0'K
-'K
-'K
0'K
I
I
4
4
I
I
.1
*'
01'
1'
0 3
I
I
1'
C=
' 1 ( 1 <C=
3
3
I
I
F*0
F*-
I
I
7(
$
F1 3
1'
C=
' 1 ( 1 <C=
3
3
I
I
F(1
F/&
I
I
F2
2
I
I
I
I
2
2
/ .1
& '
1 '
1 '
1 *1
/ .1
5
M'N
4
*' O
,
I
2
' '
I
' &
5
M0N
4
*' O
,
I
2
* '
I
1 '
2
,!
5
M'N
M0N
I
I
' *
)
$
:
8
I
I
L
I
01
I
2
,!
5
M'N
M0N
I
' *
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com