Electronic Components Datasheet Search
  English  ▼

X  

S50VT80 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # S50VT80
Description  50A GLASS PASSIVATED THREE-PHASE BRIDGE RECTIFIER MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S50VT80 Datasheet(HTML) 1 Page - Won-Top Electronics

  S50VT80 Datasheet HTML 1Page - Won-Top Electronics S50VT80 Datasheet HTML 2Page - Won-Top Electronics S50VT80 Datasheet HTML 3Page - Won-Top Electronics S50VT80 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
1
Pb
Features
Glass Passivated Die Construction
Low Forward Voltage Drop
High Current Capability
High Reliability
High Surge Current Capability
Ideal for Printed Circuit Boards
Plastic Material has UL Recognition
Flammability Classification Rating 94V-0
Mechanical Data
Case: Epoxy Case
Mounted in the Bridge Encapsulation
Terminals: Plated Faston Lugs Solderable
per MIL-STD-202, Method 208
Polarity: See Diagram Below
Weight: 45 grams (approx.)
Mounting Position: Bolt Down on Heatsink
With Silicone Thermal Compound Between
Module and Mounting Surface for Maximum
Heat Transfer Efficiency
Mounting Torque: 0.8 N.m Max.
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
Symbol
S50VT60
S50VT80
S50VT160
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
800
1600
V
RMS Reverse Voltage
VR(RMS)
420
560
1120
V
Average Rectified Output Current
@TC = 100°C
IO
50
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
500
A
Forward Voltage per diode
@IF = 17.5A
VFM
1.05
V
Peak Reverse Current At Rated DC Blocking Voltage
IRM
10
µA
I
2t Rating for Fusing per diode (1ms < t < 10ms)
I
2t
500
A
2s
Thermal Resistance Junction to Case (Note 1)
RθJC
0.7
°C/W
RMS Isolation Voltage Terminals to Case, t = 1min
VISO
2000
V
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Mounted on 229 x 152 x 127mm Al. finned heatsink.
S50VT60 – S50VT160
50A GLASS PASSIVATED THREE-PHASE BRIDGE RECTIFIER MODULE
WON-TOP ELECTRONICS
®
SVT
Dim
Min
Max
A
34.5
36.0
B
9.8
10.4
C
27.0
29.0
D
13.1
14.1
E
8.5
9.5
F
6.5
7.5
G
3.5 Ø Typical
H
R 1.75 Typical
J
3.7 x 45°
K
—
12.8
L
26.2
28.2
M
—
12.5
N
—
13.1
O
6.2
6.5
P
5.5
6.5
R
0.7
0.9
S
1.0
1.8
T
1.4
1.6
All Dimensions in mm
M
N
K
A
F
F
E
E
K
A
G
H
+

D
D
O
L
C
B
J
P
S
~

~

~

-






R
T


Similar Part No. - S50VT80

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
S50VB005 KINGTRONICS-S50VB005 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
Suntan Capacitors
S50VB005 SUNTAN-S50VB005 Datasheet
243Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S50VB10 KINGTRONICS-S50VB10 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
Suntan Capacitors
S50VB10 SUNTAN-S50VB10 Datasheet
243Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - S50VT80

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSD100 MICROSEMI-MSD100 Datasheet
131Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
logo
Nell Semiconductor Co.,...
MTP50 NELLSEMI-MTP50 Datasheet
879Kb / 3P
Glass Passivated Three-Phase Bridge Rectifier, 50A
MTP50A1 NELLSEMI-MTP50A1 Datasheet
699Kb / 3P
Glass Passivated Triple-Phase Bridge Rectifier, 50A
MTP50W NELLSEMI-MTP50W Datasheet
395Kb / 3P
Glass Passivated Triple-Phase Bridge Rectifier, 50A
GBPC50M NELLSEMI-GBPC50M Datasheet
386Kb / 4P
Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Naina Semiconductor ltd...
GBPC50 NAINA-GBPC50 Datasheet
209Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier, 50A
logo
Nanjing International G...
MDS150P DGNJDZ-MDS150P Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
MDS50G DGNJDZ-MDS50G Datasheet
1Mb / 2P
Glass Passivated Three Phase Rectifier Bridge
logo
MacMic
MMD50L160X MACMIC-MMD50L160X Datasheet
223Kb / 3P
50A Three-Phase Rectifier Bridge Module
logo
Shanghai Leiditech Elec...
MD60S18M2 LEIDITECH-MD60S18M2 Datasheet
311Kb / 3P
Glass Passivated Three Phase Rectifier Bridge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com