Electronic Components Datasheet Search
  English  ▼

X  

30935 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 30935
Description  Plug socket with cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

30935 Datasheet(HTML) 1 Page - Festo Corporation.

  30935 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plug socket with cable
KMF-1-24DC-2.5-LED
Part number: 30935
General operating condition
Data sheet
Feature
Value
Switching position indication
LED
Type of mounting
On air solenoid valve with M3 central screw
Mounting position
Any
Product weight
170 g
Electrical connection
Socket
Nominal operating voltage DC
24 V
Protective earth connection
Available
Cable length
2.5 m
Cable diameter
6 mm
Cable design
3 x 0.75 mm²
Degree of protection
IP67
as per IEC 60529
Ambient temperature
-20 °C ... 80 °C
CE marking (see declaration of conformity)
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364-B2-L
Material of cable sheath
PVC
Housing material
PC
POM
Material of pin contacts
Bronze
5/22/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 30935

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3093 KR-3093 Datasheet
105Kb / 3P
350 MHz Bandpass Filter
logo
Heyco.
3093 HEYCO-3093 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3093 ABBATRON-3093 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Sealevel Systems, Inc.
3093 SEALEVEL-3093 Datasheet
724Kb / 2P
ISA 16 Reed Relay Output / 16 Isolated Input Digital Interface
logo
Festo Corporation.
30931 FESTO-30931 Datasheet
67Kb / 1P
Connecting cable
More results

Similar Description - 30935

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4840.5201 SCHURTER-4840.5201 Datasheet
224Kb / 2P
, Cable, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.5202 SCHURTER-4840.5202_V01 Datasheet
220Kb / 2P
, Cable, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.5212 SCHURTER-4840.5212_V01 Datasheet
231Kb / 2P
, Cable, Plug, 5.5 mm, 2-pole, DC Plug/Socket
4840.5220 SCHURTER-4840.5220 Datasheet
224Kb / 2P
, Cable, Plug, 5.5 mm, 2-pole, DC Plug/Socket
logo
Pepperl+Fuchs Inc.
KC-CTT-3GN2BU PF-KC-CTT-3GN2BU Datasheet
392Kb / 2P
Terminal Block with Test Plug Socket
KC-CTT-5BU PF-KC-CTT-5BU Datasheet
388Kb / 2P
Terminal Block with Test Plug Socket
KC-STP-5GN PF-KC-STP-5GN Datasheet
324Kb / 1P
Terminal Block with Test Plug Socket
logo
Festo Corporation.
151909 FESTO-151909 Datasheet
62Kb / 1P
Plug socket with cable
4/20/22
logo
Pepperl+Fuchs Inc.
KF-STP-5GN PF-KF-STP-5GN Datasheet
551Kb / 2P
Terminal Block with Test Plug Socket
2021-08-30
logo
Festo Corporation.
542256 FESTO-542256 Datasheet
95Kb / 2P
Plug socket with cable
7/18/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com