Electronic Components Datasheet Search
  English  ▼

X  

PAC7141 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PAC7141
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7141 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PAC7141 Datasheet HTML 6Page - Freescale Semiconductor, Inc PAC7141 Datasheet HTML 7Page - Freescale Semiconductor, Inc PAC7141 Datasheet HTML 8Page - Freescale Semiconductor, Inc PAC7141 Datasheet HTML 9Page - Freescale Semiconductor, Inc PAC7141 Datasheet HTML 10Page - Freescale Semiconductor, Inc PAC7141 Datasheet HTML 11Page - Freescale Semiconductor, Inc PAC7141 Datasheet HTML 12Page - Freescale Semiconductor, Inc PAC7141 Datasheet HTML 13Page - Freescale Semiconductor, Inc PAC7141 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Electrical Characteristics
Freescale Semiconductor
10
3.6.1
Thermal Resistance Simulation Details
Comments:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature,
ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
3. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface
of the board at the center lead. For fused lead packages, the adjacent lead is used.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1).
6. Thermal characterization parameter indicating the temperature difference between package top and junction temperature per JEDEC
JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Table 11. Thermal Resistance for Case Outline 983–02, 100 Lead 14x14 mm LQFP, 0.5 mm Pitch
Rating
Environment
Symbol
Value
Unit
Comments
Junction to Ambient (Natural Convection)
Single layer board (1s)
R
θJA
44
°C/W
1, 2
Junction to Ambient (Natural Convection)
Four layer board (2s2p)
R
θJMA
34
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Single layer board (1s)
R
θJMA
37
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Four layer board (2s2p)
R
θJMA
29
°C/W
1, 3
Junction to Board
R
θJB
18
°C/W
4
Junction to Case
R
θJC
7°C/W
5
Junction to Package Top
Natural Convection
ΨJT
2°C/W
6
Table 12. Thermal Resistance for Case Outline 987–01, 112 Lead 20x20 mm LQFP, 0.65 mm Pitch
Rating
Environment
Symbol
Value
Unit
Comments
Junction to Ambient (Natural Convection)
Single layer board (1s)
R
θJA
42
°C/W
1, 2
Junction to Ambient (Natural Convection)
Four layer board (2s2p)
R
θJMA
34
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Single layer board (1s)
R
θJMA
35
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Four layer board (2s2p)
R
θJMA
30
°C/W
1, 3
Junction to Board
R
θJB
22
°C/W
4
Junction to Case
R
θJC
7°C/W
5
Junction to Package Top
Natural Convection
ΨJT
2°C/W
6
Table 13. Thermal Resistance for Case Outline 918–03, 144 Lead 20x20 mm LQFP, 0.5 mm Pitch
Rating
Environment
Symbol
Value
Unit
Comments
Junction to Ambient (Natural Convection)
Single layer board (1s)
R
θJA
42
°C/W
1, 2
Junction to Ambient (Natural Convection)
Four layer board (2s2p)
R
θJMA
34
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Single layer board (1s)
R
θJMA
35
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Four layer board (2s2p)
R
θJMA
30
°C/W
1, 3
Junction to Board
R
θJB
22
°C/W
4
Junction to Case
R
θJC
7°C/W
5
Junction to Package Top
Natural Convection
ΨJT
2°C/W
6
Table 14. Thermal Resistance for Case Outline 1159A-01, 208 Lead 17x17 mm MAP BGA, 1.0 mm Pitch
Rating
Environment
Symbol
Value
Unit
Comments
Junction to Ambient (Natural Convection)
Single layer board (1s)
R
θJA
46
°C/W
1, 2
Junction to Ambient (Natural Convection)
Four layer board (2s2p)
R
θJMA
29
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Single layer board (1s)
R
θJMA
38
°C/W
1, 3
Junction to Ambient (@ 200 ft./min.)
Four layer board (2s2p)
R
θJMA
26
°C/W
1, 3
Junction to Board
R
θJB
19
°C/W
4
Junction to Case
R
θJC
7°C/W
5
Junction to Package Top
Natural Convection
ΨJT
2°C/W
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com