Electronic Components Datasheet Search
  English  ▼

X  

TC4P Datasheet(PDF) 1 Page - France Joint

Part # TC4P
Description  SEALS FOR LINEAR MOVEMENTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

TC4P Datasheet(HTML) 1 Page - France Joint

  TC4P Datasheet HTML 1Page - France Joint TC4P Datasheet HTML 2Page - France Joint TC4P Datasheet HTML 3Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
|
|
SEAL DESIGN
Tolerance for the outside diameter of the seal (ØD)
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
ØD1 ≤ 50.0
+0.10 / +0.20
+0.15 / +0.30
+0.20 / +0.40
50.0 < ØD1 ≤ 80.0
+0.13 / +0.23
+0.20 / +0.35
+0.25 / +0.45
80.0 < ØD1 ≤ 120.0
+0.15 / +0.25
+0.20 / +0.35
+0.25 / +0.45
120.0 < ØD1 ≤ 180.0
+0.18 / +0.28
+0.25 / +0.45
+0.30 / +0.55
180.0 < ØD1 ≤ 300.0
+0.20 / +0.30
+0.25 / +0.45
+0.30 / +0.55
300.0 < ØD1 ≤ 500.0
+0.23 / +0.35
+0.30 / +0.55
+0.35 / +0.65
500.0 < ØD1 ≤ 630.0
+0.23 / +0.35
+0.35 / +0.65
+0.40 / +0.75
Roundness tolerance
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
ØD1 ≤ 50.0
0.18
0.25
50.0 < ØD1 ≤ 80.0
0.25
0.35
80.0 < ØD1 ≤ 120.0
0.30
0.50
120.0 < ØD1 ≤ 180.0
0.40
0.65
180.0 < ØD1 ≤ 300.0
0.25% of the outside diameter
0.80
300.0 < ØD1 ≤ 500.0
0.25% of the outside diameter
1.00
500.0 < ØD1 ≤ 630.0
-
-
Tolerance for the inside diameter of the seal (Ød)
Free and without constraint, the inside diameter of the sealing lip is always smaller than
the diameter of the rod. The pre-tightening or interference denotes the difference between
these two values. Depending on the rod diameter, the diameter of the sealing lip is generally
considered to be less, between 0.8 and 3.5 mm.
|
DESCRIPTION
The TC4P profile is a shaft seal
composed of a single metal cage
with a rubber coating and a double
sealing lip with an integrated spring,
suitable for linear movements.
|
ADVANTAGES
Sealing lips designed for
linear movements
|
APPLICATIONS
All types of linear applications
Shock absorbers
Steering
|
MATERIALS
Rubber
FKM 75 - 80 Shore A
HNBR 75 - 80 Shore A
NBR 75 - 80 Shore A
Metal cage
Steel - AISI 1010
Steel - DC01 C490
Steel - DC01 C590
Spring
Steel - AISI 1070 - 1090
Stainless steel - AISI 316
SEALS FOR LINEAR MOVEMENTS
TC4P
ROTARY SEALS | SEALS FOR LINEAR MOVEMENTS |
TC4P


Similar Part No. - TC4P

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC4 TRUMPOWER-TC4 Datasheet
25Kb / 1P
DC/DC CONVERTERS
logo
France Joint
TC4 FRANCEJOINT-TC4 Datasheet
362Kb / 3P
SEALS FOR LINEAR MOVEMENTS4
logo
Tumbler Technologies + ...
TC4-10D1205 TRUMPOWER-TC4-10D1205 Datasheet
29Kb / 1P
DC/DC CONVERTERS 2:1 Input, 10 Watt
TC4-10D1205 TRUMPOWER-TC4-10D1205 Datasheet
25Kb / 1P
DC/DC CONVERTERS
TC4-10D1212 TRUMPOWER-TC4-10D1212 Datasheet
29Kb / 1P
DC/DC CONVERTERS 2:1 Input, 10 Watt
More results

Similar Description - TC4P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Molex Electronics Ltd.
0643251332 MOLEX1-0643251332_18 Datasheet
51Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Red
0643251345 MOLEX1-0643251345_18 Datasheet
49Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Green
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Gray
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com