Electronic Components Datasheet Search
  English  ▼

X  

FS5600 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # FS5600
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS5600 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button FS5600 Datasheet HTML 93Page - NXP Semiconductors FS5600 Datasheet HTML 94Page - NXP Semiconductors FS5600 Datasheet HTML 95Page - NXP Semiconductors FS5600 Datasheet HTML 96Page - NXP Semiconductors FS5600 Datasheet HTML 97Page - NXP Semiconductors FS5600 Datasheet HTML 98Page - NXP Semiconductors FS5600 Datasheet HTML 99Page - NXP Semiconductors FS5600 Datasheet HTML 100Page - NXP Semiconductors FS5600 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
20 Typical application block diagram
aaa-037163
SW1
PF-PMIC
PF-PMIC
5.0 V
Battery (< 40 V)
3.3 V
SW2
FS5600
FS0B
PGOOD1
PGOOD2
VMON1
VMON2
I2C
MCU
Misc System Voltage
Misc System Voltage
GPIO1 = ERRMON1
Other System Loads
Other System Loads
GPIO2 = VMON3
GPIO3 = VMON4
Figure 31. Typical application block diagram
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
97 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com