Electronic Components Datasheet Search
  English  ▼

X  

PAC7136 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # PAC7136
Description  Microcontroller Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PAC7136 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button PAC7136 Datasheet HTML 48Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 49Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 50Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 51Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 52Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 53Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 54Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 55Page - Freescale Semiconductor, Inc PAC7136 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Mechanical Information
Freescale Semiconductor
54
v1.0
14-Sep-04
(continued)
Section 4, “Device Pin Assignments”
• Table 37 and Table 38 added
• Added PD2 label / footnote to Figure 15, Figure 17, Figure 19, Figure 20 and Figure 22
• Section 4.2, “MAC7142 Pin Diagram” / Figure 16 added
• Section 4.3, “MAC7121 / MAC7126 Pin Diagram” / Figure 17 updated
— PB10 / PCS5_B / PCSS_B bonded out on pin 57, footnote for L49P
— Added MAC71x6 device information
• Section 4.4, “MAC7122 Pin Diagram” / Figure 18 added
• Section 4.5, “MAC7101 / MAC7106 Pin Diagram” / Figure 19 updated
— Added MAC71x6 device information
• Section 4.6, “MAC7111 / MAC7116 Pin Diagram” / Figure 20 updated
— Added AS to TA pin
— Added MAC71x6 device information
• Section 4.7, “MAC7112 Pin Diagram” / Figure 21 added
• Section 4.8, “MAC7131 Pin Diagram” / Figure 22 corrected, updated
— Changed pins C8 & P8 from VSS2.5 to VDD2.5
— Changed pin T8 from VSSPLL to VDDPLL
— Added AS to TA pin
• Section 4.9, “MAC7136 Pin Diagram” / Figure 23 added
36, 40
41, 43, 45, 46, 48
42
43
44
45
46
47
48
49
v1.1
1-Dec-04
Section 3, “Electrical Characteristics”
• Section 3.7, “Power Supply”
— Table 15 spec F4 –40
° C and 25° C max value changed
— Table 16 spec G4 –40
° C and 25° C max value changed
• Section 3.8, “Clock and Reset Generator”
— Table 19 spec J3 typical TBD entry replaced with value
— Table 20 specs K15 and K16 maximum TBD entries replaced with values
12
12
15
18
v1.1.1
3-Dec-04
Section 3, “Electrical Characteristics”
• Section 3.7, “Power Supply”
— Table 15 spec F3 –40
° C, 25° C and 125° C typ and max values and unit changed
— Table 16 spec G3 –40
° C, 25° C and 125° C typ and max value and unit changed
12
12
v1.2
10-Feb--06
Section 1, “Overview”
• Moved 71x6 device numbers from footnote to “covered” list
Section 2, “Ordering Information”
• Added AF, AG and VM package identifiers to Figure 1
• Added 1L38Y to Table 1
Section 3, “Electrical Characteristics”
• Replaced TBD values in Table 15 and Table 16 with final qualification data, changed table
titles and footnotes to reflect 71x6 inclusion.
Section 5, “Mechanical Information”
• Removed obsolete package diagrams, replaced with document IDs available on web site.
1
2
2
12
50
Revision History (continued)
Version No.
Release Date
Description of Changes
Page
Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com