Electronic Components Datasheet Search
  English  ▼

X  

PHP222 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHP222
Description  Dual P-channel enhancement mode MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP222 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHP222 Datasheet HTML 1Page - NXP Semiconductors PHP222 Datasheet HTML 2Page - NXP Semiconductors PHP222 Datasheet HTML 3Page - NXP Semiconductors PHP222 Datasheet HTML 4Page - NXP Semiconductors PHP222 Datasheet HTML 5Page - NXP Semiconductors PHP222 Datasheet HTML 6Page - NXP Semiconductors PHP222 Datasheet HTML 7Page - NXP Semiconductors PHP222 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Apr 01
2
Philips Semiconductors
Preliminary specification
Dual P-channel enhancement
mode MOS transistor
PHP222
FEATURES
• Very low on-state resistance
• High-speed switching
• No secondary breakdown
• Low threshold.
APPLICATIONS
• Power management
• DC-DC converters
• General purpose switch.
DESCRIPTION
Two P-channel enhancement mode MOS transistors in an
8-pin SOT96-1 (SO8) SMD plastic package.
CAUTION
The device is supplied in an antistatic package.
The gate-source input must be protected against static
discharge during transport or handling.
PINNING - SOT96-1 (SO8)
PIN
SYMBOL
DESCRIPTION
1s1
source 1
2g1
gate 1
3s2
source 2
4g2
gate 2
5d2
drain 2
6d2
drain 2
7d1
drain 1
8d1
drain 1
Fig.1 Simplified outline and symbol.
handbook, halfpage
d
MAM119
1
4
5
8
g
s
d
1
1
1
1
d
g
s
d
2
2
2
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−−30
V
VSD
source-drain diode forward voltage
IS = −1.25 A; VGD =0
−−1.3
V
VGSO
gate-source voltage (DC)
open drain
−±8V
VGSth
gate-source threshold voltage
ID = −1 mA; VDS =VGS
−0.4
−
V
ID
drain current (DC)
Ts =80 °C
−−3.2
A
RDSon
drain-source on-state resistance
ID = −1.6 A; VGS = −2.5 V
−
220
m
Ω
Ptot
total power dissipation
Ts =80 °C
−
3.5
W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com