Electronic Components Datasheet Search
  English  ▼

X  

BAS40A Datasheet(PDF) 3 Page - Won-Top Electronics

Part # BAS40A
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAS40A Datasheet(HTML) 3 Page - Won-Top Electronics

  BAS40A Datasheet HTML 1Page - Won-Top Electronics BAS40A Datasheet HTML 2Page - Won-Top Electronics BAS40A Datasheet HTML 3Page - Won-Top Electronics BAS40A Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: October, 2018
3
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
178
3,000
187 x 187 x 65
15,000
390 x 240 x 420
150,000
10.0
BAS40 / A / C / S
WON-TOP ELECTRONICS
®
xx
= Device Code, See Table Below
Mfg Site
BAS40
BAS40A
BAS40C
BAS40S
TW Plant
S40
S42
S43
S44
CN Plant
43
46
45
44
xx
inches(mm)
178mm
Product ID Label
8mm
Direction of Unreeling
8mm
4mm
1.6mm
Note:
1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
Inspection Hole
TAPE & REEL
0.035
(0.90)
0.031
(0.80)
0.035
(0.90)
0.079
(2.00)
0.037
(0.95)
4mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com