Electronic Components Datasheet Search
  English  ▼

X  

BAS40T Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BAS40T
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BAS40T Datasheet(HTML) 1 Page - Won-Top Electronics

  BAS40T Datasheet HTML 1Page - Won-Top Electronics BAS40T Datasheet HTML 2Page - Won-Top Electronics BAS40T Datasheet HTML 3Page - Won-Top Electronics BAS40T Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: May, 2014
1
Pb
Features
Single and Dual Diode
K
Low Forward Voltage
A
PN Junction Guard Ring for Transient and
ESD Protection
B
For General Purpose Switching Applications
C
Plastic Material – UL Recognition Flammability
Classification 94V-0
L
D
G
Mechanical Data
Case: SOT-523, Molded Plastic
Terminals: Plated Leads Solderable per
J
MIL-STD-202, Method 208
E
Polarity: See Diagrams Below
Weight: 0.002 grams (approx.)
Marking: Device Code, See Page 3
Mounting Position: Any
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current
IF
200
mA
Non-Repetitive Peak Forward Surge Current
@ t < 1.0s
IFSM
600
mA
Operating Temperature Range
TJ
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
150
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
833
°C/W
Note: 1. Mounted on FR-4 PC board with minimum recommended pad layout.
BAS40T / AT / CT / ST
SURFACE MOUNT SCHOTTKY BARRIER DIODE
WON-TOP ELECTRONICS
®
TOP VIEW
BAS40T
TOP VIEW
BAS40AT
TOP VIEW
BAS40CT
TOP VIEW
BAS40ST
SOT-523
Dim
Min
Max
A
0.15
0.30
B
0.75
0.85
C
1.45
1.75
D
0.50 Typical
E
0.90
1.10
G
1.50
1.70
H
0.60
0.80
J
0.02
0.10
K
0.10
0.30
L
0.10
0.20
All Dimensions in mm
H


Similar Part No. - BAS40T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
160Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 5 - 2
logo
Weitron Technology
BAS40T WEITRON-BAS40T Datasheet
394Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
78Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30265 Rev. 10 - 2
logo
SeCoS Halbleitertechnol...
BAS40T SECOS-BAS40T Datasheet
349Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAS40T DIODES-BAS40T Datasheet
122Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 13 - 2 July 2008
More results

Similar Description - BAS40T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com