Electronic Components Datasheet Search
  English  ▼

X  

AT-210 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-210
Description  Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-210 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-210 Datasheet HTML 1Page - Tyco Electronics AT-210 Datasheet HTML 2Page - Tyco Electronics AT-210 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 15 dB, 4-Bit
DC-2.0 GHz
AT-210
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
SOIC-16
†
Electrical Specifications: TA = 25°C, VC = 0 V / −5 V, Z0 = 50 Ω
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss (Reference state)
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
—
—
—
—
0.9
1.3
1.5
2.0
—
1.5
1.8
—
Attenuation Accuracy
4
DC - 1.0 GHz
DC - 2.0 GHz
VSWR
Ratio
—
1.4
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
—
nS
—
10
—
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
—
nS
—
15
—
Transients
In-Band
—
mV
—
18
—
1 dB Compression
Input Power
Input Power
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
22
28
—
—
IP2
Measured Relative to Input Power
(For two-tone input power up to +5 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
49
72
—
—
IP3
Measured Relative to Input Power
(For two-tone input power up to +5 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
45
50
—
—
± (0.15 dB + 3% of Atten Setting in dB) dB
± (0.30 dB + 3% of Atten Setting in dB) dB
Control Current
|VC| = 5 V
µA
—
10
20
4. Attenuation accuracy specifications apply with negative bias control and low inductance grounding.
Truth Table
5
5. 0 = -0.2 V to 0 V, 1 = -8 V to -5 V.
VC4 VC4
VC3
VC3
VC2
VC2 VC1 VC1
Attenuation
(dB)
1
0
1
0
1
0
1
0
Reference
state
0
1
1
0
1
0
1
0
1 dB
1
0
0
1
1
0
1
0
2 dB
1
0
1
0
0
1
1
0
4 dB
1
0
1
0
1
0
0
1
8 dB
0
1
0
1
0
1
0
1
15 dB
Control Inputs
†Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com