Electronic Components Datasheet Search
  English  ▼

X  

AT-264 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT-264
Description  Digital Attenuator, 4-Bit, Single Control 30dB, 0.5-2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-264 Datasheet(HTML) 3 Page - Tyco Electronics

  AT-264 Datasheet HTML 1Page - Tyco Electronics AT-264 Datasheet HTML 2Page - Tyco Electronics AT-264 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Digital Attenuator, 4-Bit, Single Control
30 dB, 0.5-2.0 GHz
AT-264
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
3
Typical Performance Curves
1.0
1.2
1.4
1.6
1.8
2.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
IL
2dB
16dB
30dB
0
4
8
12
16
20
24
28
32
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
2dB
4dB
8dB
16dB
30dB
VSWR
Insertion Loss
Attenuation
Attenuation Accuracy
1.5
2.0
2.5
3.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
+25C
+85C
-40C
TSSOP-16



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com