Electronic Components Datasheet Search
  English  ▼

X  

AT-280 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT-280
Description  Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-280 Datasheet(HTML) 1 Page - Tyco Electronics

  AT-280 Datasheet HTML 1Page - Tyco Electronics AT-280 Datasheet HTML 2Page - Tyco Electronics AT-280 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Digital Attenuator, 15.5 dB, 5-Bit
DC-2.0 GHz
AT-280
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
1
Features
• 0.5 dB Attenuation Steps to 15.5 dB
• Ultra Low DC Power Consumption
• Low Intermodulation Product: +45 dBm IP3
• SOIC-16 Plastic Package
• Tape and Reel Packaging Available
• Temperature Stability: +/-0.15 dB from -40°C to
+85°C
Description
M/A-COM’s AT-280 is a 5-bit, 0.5-dB step GaAs
MMIC digital attenuator in a low cost SOIC 16-lead
surface mount plastic package. The AT-280 is
ideally suited for use where high accuracy, fast
switching, very low power consumption and low
intermodulation products are required at a low cost.
Typical applications include radio and cellular
equipment, wireless LANS, GPS equipment and
other gain/level control circuits.
The AT-280 is fabricated with a monolithic GaAs
MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Functional Schematic
Ordering Information 1
Part Number
Package
AT-280
SOIC 16–Lead
AT-280TR
Forward Tape and Reel
AT-280SMB
Sample Test Board (Includes 5 Samples)
16
15
14
13
12
11
1
2
3
4
5
6
7
8
10
9
8 dB
4 dB
2 dB
1 dB
0.5 dB
Pin Configuration
Absolute Maximum Ratings 2
Parameter
Absolute Maximum
Input Power:
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < VC < +5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1. Reference Application Note M513 for reel size information.
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Pin No.
Function
Pin No.
Function
1
VC1
9
RF2
2
VC1
10
Ground
3
VC2
11
Ground
4
VC2
12
Ground
5
VC3
13
Ground
6
VC3
14
Ground
7
VC4
15
Ground
8
VC5
16
RF1


Similar Part No. - AT-280

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Atom Lighting
AT-28000507 ATOM-AT-28000507 Datasheet
576Kb / 2P
6W & 10W IP65 LED Garden spike light
05.06.19
AT-28000508 ATOM-AT-28000508 Datasheet
576Kb / 2P
6W & 10W IP65 LED Garden spike light
05.06.19
AT-28000509 ATOM-AT-28000509 Datasheet
576Kb / 2P
6W & 10W IP65 LED Garden spike light
05.06.19
More results

Similar Description - AT-280

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283_1 Datasheet
235Kb / 3P
Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0413 MACOM-AT65-0413_1 Datasheet
321Kb / 3P
Digital Attenuator 15.5dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0283 MACOM-AT90-0283_1 Datasheet
234Kb / 5P
Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283_1 Datasheet
222Kb / 4P
Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
AT-283-PIN MACOM-AT-283-PIN Datasheet
192Kb / 4P
Digital Attenuator, 15.5dB,5-Bit,TTL Driver, DC-2.0 GHz
MAATCC0014 MACOM-MAATCC0014 Datasheet
282Kb / 6P
Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MADA2030G MA-COM-MADA2030G Datasheet
71Kb / 4P
5-Bit GaAs Digital Attenuator DC- 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com