Electronic Components Datasheet Search
  English  ▼

X  

8032629 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8032629
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8032629 Datasheet(HTML) 1 Page - Festo Corporation.

  8032629 Datasheet HTML 1Page - Festo Corporation. 8032629 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
NEBV-C1SW3-K-5-N-LE3-S9
Part number: 8032629
General operating condition
Data sheet
Feature
Value
Cable designation
Without label holder
Contact durability
50
Product weight
235 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Socket, narrow
Electrical connection 1, cable outlet
Angled
Electrical connection 1, information on cable outlet
Can be rotated through 180°
Electrical connection 1, connection technology
Connection diagram type C as per EN 175301-803
Electrical connection 1, number of pins/wires
4
Electrical connection 1, occupied pins/wires
4
Electrical connection 1, type of mounting
On air solenoid valve with M2.5 central screw
Electrical connection for input 1, connection pattern
00995798
Electrical connection 2, function
Control side
Electrical connection 2, connection type
Cable
Electrical connection 2, connection technology
Open end
Electrical connection 2, number of pins/wires
3
Electrical connection 2, occupied pins/wires
3
DC operating voltage range
0 V ... 230 V
Operating voltage range AC
0 V ... 230 V
Current rating at 40° C
6 A
Surge resistance
4 kV
Reverse polarity protection
Bipolar
Protective earth connection
Available
Cable length
5 m
Cable characteristic
Standard
Connector cable test conditions
Test conditions on request
Bending radius, flexible cable installation
≥52 mm
Cable diameter
5.2 mm
Cable diameter tolerance
± 0.1 mm
Cable design
3 x 0.5 mm²
Nominal conductor cross section
0.5 mm²
Degree of protection
IP65
IP67
Note on degree of protection
In mounted state
Ambient temperature
-20 °C ... 70 °C
5/24/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8032629

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8032623 FESTO-8032623 Datasheet
73Kb / 2P
Connecting cable
8032626 FESTO-8032626 Datasheet
73Kb / 2P
Connecting cable
8032627 FESTO-8032627 Datasheet
73Kb / 2P
Connecting cable
More results

Similar Description - 8032629

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com