Electronic Components Datasheet Search
  English  ▼

X  

MMBD352 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # MMBD352
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MMBD352 Datasheet(HTML) 2 Page - Won-Top Electronics

  MMBD352 Datasheet HTML 1Page - Won-Top Electronics MMBD352 Datasheet HTML 2Page - Won-Top Electronics MMBD352 Datasheet HTML 3Page - Won-Top Electronics MMBD352 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: October, 2018
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
@ IR = 10µA
V(BR)
7.0
V
Forward Voltage Drop
@ IF = 10mA
VF
0.6
V
Reverse Leakage Current
@ VR = 3.0V
@ VR = 7.0V
IR
0.25
10
µA
Diode Capacitance (VR = 0V, f = 1.0MHz)
CD
1.0
pF
MMBD352 / 353 / 354 / 355
WON-TOP ELECTRONICS
®
0
TA, AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
30
60
90
120
150
0
50
100
150
200
250
0.3
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
0.4
0.5
0.6
0.7
0.8
0.1
1.0
10
100
VR, DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
0.5
0.6
0.7
0.8
0.9
1.0
0
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics
0.6
1.2
1.8
2.4
3.0
0.1
1.0
10
100
1000
10000
0
1
2
3
4
5
f = 1.0MHz
TA = 25°C
TA = 100°C
TA = 75°C
TA = -40°C
TA = 85°C
TA = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com