Electronic Components Datasheet Search
  English  ▼

X  

TLEB102 Datasheet(PDF) 1 Page - ZKTECO CO., LTD. All rights reserved.

Part # TLEB102
Description  Exit switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

TLEB102 Datasheet(HTML) 1 Page - ZKTECO CO., LTD. All rights reserved.

  TLEB102 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TLEB102 is our new infrared sensor door switch. The exquisite proximity exit button o ers an economical
application with optimum performance widely used in access control system in all kinds of industries.
Switching voltage
Rated current
Operating temperature
Storage temperature
DC 9 ~ 16V
2A
-20°C ~ +50°C
-20°C ~ +65°C
TLEB102
Exit switch
Specifications
Dimensions(mm)
Working humidity
Shell material
Distance range of IR sensor
Dimensions (L*W*H)
10%-90%
SUS304 stainless steel
2-10cm
115mm*70mm* 38mm
ZKTECO CO.,LTD.
V1.0 2021.07.14
Copyright © 2021 ZKTECO CO., LTD. All rights reserved.
www.zkteco.com
E-mail: sales@zkteco.com


Similar Part No. - TLEB102

ManufacturerPart #DatasheetDescription
logo
ZKTECO CO., LTD. All ri...
TLEB301 ZKTECO-TLEB301 Datasheet
875Kb / 2P
New generation exit button with a remote control
V1.0 12/01/2023
More results

Similar Description - TLEB102

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
165X11869X CONEC-165X11869X Datasheet
94Kb / 1P
PLASTIC HOOD 9POS WITH TOP CABLE EXIT 15-50POS, WITH TOP AND SIDE CABLE EXIT
logo
Adam Technologies, Inc.
TBW-XX-02-B ADAM-TECH-TBW-XX-02-B Datasheet
83Kb / 1P
TERMINAL BLOCK CLOSED SIDE EXIT PCB TAIL
TBW-XX-02-B-COV ADAM-TECH-TBW-XX-02-B-COV Datasheet
85Kb / 1P
TERMINAL BLOCK CLOSED SIDE EXIT PCB TAIL
TBW-XX-02-B-COV-1 ADAM-TECH-TBW-XX-02-B-COV-1 Datasheet
85Kb / 1P
TERMINAL BLOCK CLOSED SIDE EXIT PCB TAIL
logo
Virginia Panel Corporat...
410128103 VPC-410128103 Datasheet
124Kb / 1P
i1 ITA, LARGE CABLE EXIT
logo
CONEC Elektronische Bau...
165X11919X CONEC-165X11919X Datasheet
78Kb / 1P
PLASTIC HOOD 9pos. with top cable exit 15-50pos. with top and side cable exit
2001.11.12.
165X16219X CONEC-165X16219X Datasheet
203Kb / 1P
Plastic Hood 9pos. with straight cable exit
05.11.2019
165X17619X CONEC-165X17619X Datasheet
225Kb / 1P
Full metal hood 15pos. with side cable exit
17.04.2018
165X17649X CONEC-165X17649X Datasheet
313Kb / 1P
Full metal hood 50pos. with side cable exit
17.04.2018
165X17559X CONEC-165X17559X Datasheet
212Kb / 1P
Full metal hood 9pos. with side cable exit
15.05.2002
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com