Electronic Components Datasheet Search
  English  ▼

X  

PHP3055 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHP3055
Description  N-channel TrenchMOS transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP3055 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHP3055 Datasheet HTML 2Page - NXP Semiconductors PHP3055 Datasheet HTML 3Page - NXP Semiconductors PHP3055 Datasheet HTML 4Page - NXP Semiconductors PHP3055 Datasheet HTML 5Page - NXP Semiconductors PHP3055 Datasheet HTML 6Page - NXP Semiconductors PHP3055 Datasheet HTML 7Page - NXP Semiconductors PHP3055 Datasheet HTML 8Page - NXP Semiconductors PHP3055 Datasheet HTML 9Page - NXP Semiconductors PHP3055 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP3055E PHD3055E
MECHANICAL DATA
Fig.17. SOT428 surface mounting package. Centre pin connected to mounting base.
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18.
3. Epoxy meets UL94 V0 at 1/8".
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT428
98-04-07
0
10
20 mm
scale
Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads
(one lead cropped)
SOT428
E
b2
D1
wA
M
bc
b1
L1
L
13
2
D
E1
HE
L2
Note
1. Measured from heatsink back to lead.
e1
e
A
A2
A
A1
y
seating plane
mounting
base
A1
(1)
D
max.
b
D1
max.
E
max.
HE
max.
w
y
max.
A2
b2
b1
max.
c
E1
min.
ee1
L1
min.
L2
L
A
max.
UNIT
DIMENSIONS (mm are the original dimensions)
0.2
0.2
mm
2.38
2.22
0.65
0.45
0.89
0.71
0.89
0.71
1.1
0.9
5.36
5.26
0.4
0.2
6.22
5.98
4.81
4.45
2.285
4.57
10.4
9.6
0.5
0.7
0.5
6.73
6.47
4.0
2.95
2.55
August 1999
8
Rev 1.200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com