Electronic Components Datasheet Search
  English  ▼

X  

GMBTA06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GMBTA06
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMBTA06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GMBTA06 Datasheet HTML 1Page - List of Unclassifed Manufacturers GMBTA06 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GMBTA06
Page: 1/2
ISSUED DATE :2003/07/15
REVISED DATE :2006/05/26B
G
G M
M B
B T
TA
A0066
N
N P
P N
N S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GMBTA06 is designed for general purpose amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0°
10°
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
:
Storage Temperature
Tstg
-55~+150
:
Collector to Base Voltage
VCBO
80
V
Collector to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
4
V
Collector Current
IC
500
mA
Total Power Dissipation(Note1)
PD
350
mW
Note 1.Device mounted on FR-4=1.6*1.6*0.06in
Electrical Characteristics(Ta = 25 : ,unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=100uA, IE=0
BVCEO
80
-
-
V
IC=1mA, IB=0
BVEBO
4
-
-
V
IE=100uA, IC=0
ICBO
-
-
100
nA
VCB=80V, IE=0
ICEO
-
-
100
nA
VCE=80V, IB=0
*VCE(sat)
-
-
250
mV
IC=100mA, IB=10mA
*VBE(on)
-
-
1.2
V
VCE=1V, IC=100mA
*hFE1
50
-
-
VCE=1V, IC=10mA
*hFE2
50
-
-
VCE=1V, IC=100mA
fT
100
-
-
MHz
VCE=2V, IC=10mA, f=100MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%


Similar Part No. - GMBTA06

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBTA06 GTM-GMBTA06 Datasheet
226Kb / 2P
NPN SILICON TRANSISTOR
logo
E-Tech Electronics LTD
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
The GMBTA06 is designed for general purpose amplifier applications
logo
Guilin Strong Micro-Ele...
GMBTA06 GSME-GMBTA06 Datasheet
205Kb / 2P
NPN Low Frequency Amplifier Transistor
logo
Belden Inc.
GMBTA06 BELDEN-GMBTA06 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 6f SM OS2 G.652.D & G.657.A1.
01-20-2023
More results

Similar Description - GMBTA06

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com