Electronic Components Datasheet Search
  English  ▼

X  

562170 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 562170
Description  Connecting cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

562170 Datasheet(HTML) 1 Page - Festo Corporation.

  562170 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connecting cable
MHJ9-KMH-0,5-HF
Part number: 562170
General operating condition
Data sheet
Feature
Value
Certification
RCM compliance mark
Additional functions
Spark suppression
Holding current reduction with energy recovery
Safety shut-down
Type of mounting
Optionally:
With through-hole
With H-rail
Mounting position
Any
Product weight
40 g
Electrical connection
2-pin/2-pin/4-wire
Straight socket/straight socket/cable
DC operating voltage range
12 V ... 53 V
Reverse polarity protection
for operating voltage
Information on operation
Power supply unit must be able to supply at least 1.85 A without voltage
drop.
Note on power consumption
Low-current phase 2.8 W, high-current phase 17.1 W, per channel
Duty cycle
100%
Follow the instructions on operating the air solenoid valves.
Trigger signal range DC
3 V ... 30 V
Note on input current
Linear increase
0.09-0.44 mA for a trigger signal of 3-15 V
0.44-15.44 mA for a trigger signal of 15-30 V
Input resistance
34 kOhm
Cable length
0.5 m
Cable characteristic
for static applications
Degree of protection
IP40
Ambient temperature
-5 °C ... 50 °C
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Material of cable sheath
PUR
PVC
Housing material
POM
5/26/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 562170

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
562172 FESTO-562172 Datasheet
94Kb / 2P
Air solenoid valve
More results

Similar Description - 562170

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com