Electronic Components Datasheet Search
  English  ▼

X  

PHP3N60E Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHP3N60E
Description  PowerMOS transistors Avalanche energy rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP3N60E Datasheet(HTML) 5 Page - NXP Semiconductors

  PHP3N60E Datasheet HTML 1Page - NXP Semiconductors PHP3N60E Datasheet HTML 2Page - NXP Semiconductors PHP3N60E Datasheet HTML 3Page - NXP Semiconductors PHP3N60E Datasheet HTML 4Page - NXP Semiconductors PHP3N60E Datasheet HTML 5Page - NXP Semiconductors PHP3N60E Datasheet HTML 6Page - NXP Semiconductors PHP3N60E Datasheet HTML 7Page - NXP Semiconductors PHP3N60E Datasheet HTML 8Page - NXP Semiconductors PHP3N60E Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHP3N60E, PHB3N60E
Avalanche energy rated
Fig.7. Typical transfer characteristics.
I
D = f(VGS); parameter Tj
Fig.8. Typical transconductance.
g
fs = f(ID); parameter Tj
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 1.4 A; VGS = 10 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 0.25 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
02468
10
0
1
2
3
4
5
PHP2N60
VGS, Gate-Source voltage (Volts)
ID, Drain current (Amps)
Tj = 25 C
Tj = 150 C
VDS > ID x RDS(on)max
-60
-40
-20
0
20
40
60
80
100
120
140
Tj / C
VGS(TO) / V
4
3
2
1
0
max.
typ.
min.
01
2345
0
0.5
1
1.5
2
2.5
3
PHP2N60
ID, Drain current (A)
gfs, Transconductance (S)
Tj = 25 C
150 C
VDS > ID x RDS(on)max
0
1
2
3
4
VGS / V
ID / A
1E-01
1E-02
1E-03
1E-04
1E-05
1E-06
SUB-THRESHOLD CONDUCTION
typ
2 %
98 %
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
Normalised RDS(ON) = f(Tj)
2
1
0
a
1
10
100
1000
1
10
100
1000
VDS, Drain-Source voltage (Volts)
Junction capacitances (pF)
Ciss
Coss
Crss
PHP2N60
December 1998
5
Rev 1.200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com