Electronic Components Datasheet Search
  English  ▼

X  

710107-2 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # 710107-2
Description  WiFi/Bluetooth®/BLE Antennas - Terminal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710107-2 Datasheet(HTML) 1 Page - PCTEL, Inc.

  710107-2 Datasheet HTML 1Page - PCTEL, Inc. 710107-2 Datasheet HTML 2Page - PCTEL, Inc. 710107-2 Datasheet HTML 3Page - PCTEL, Inc. 710107-2 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Tri-band swivel antenna
designed to be used on WiFi
devices such as access points
and gateways.
Technologies
• WiFi 6E/WiFi 7
• Bluetooth®
DATASHEET ID 550 094 N
Features
• Terminal swivel antenna 1/4-wave
• Frequency: 2400-2485 / 4900-7200MHz
• Gain: 5.5/4.5/4.5 dBi
DATASHEET
Smarteq™ WiFi 6E/WiFi 7
Terminal
Tri-Band Antenna
WiFi/Bluetooth®/BLE Antennas – Terminal
710106-2 White, 710106-2 Black, 710107-2 White, 710107-2 Black
WIFI/BLUETOOTH®/BLE


Similar Part No. - 710107-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
71010 ETC2-71010 Datasheet
346Kb / 1P
Dura Torsion Insert and Power Bits
logo
PCTEL, Inc.
710100 PCTEL-710100 Datasheet
410Kb / 5P
10-in-1 TETRA Cellular GNSS Wi-FiLPCA
logo
AUER Signal GmbH
710100004 AUERSIGNAL-710100004 Datasheet
167Kb / 2P
KLH Mini horn
710100005 AUERSIGNAL-710100005 Datasheet
167Kb / 2P
KLH Mini horn
710100010 AUERSIGNAL-710100010 Datasheet
167Kb / 2P
KLH Mini horn
More results

Similar Description - 710107-2

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFO2225-851-FL AXIOMTEK-IFO2225-851-FL Datasheet
359Kb / 2P
Optional bluetooth/internal WiFi
logo
Murata Manufacturing Co...
LBEE5ZSTNC-523-D MURATA-LBEE5ZSTNC-523-D Datasheet
169Kb / 2P
Com6M Card ??WiFi / BT / BLE
logo
Cypress Semiconductor
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
Bluetooth Low-Energy (BLE)-compliant
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
Bluetooth Low-Energy (BLE)-compliant
logo
List of Unclassifed Man...
HM-10 ETC1-HM-10 Datasheet
332Kb / 14P
Bluetooth 4.0 BLE module
logo
Maxtena Inc.
MEA-2400-SMA MAXTENA-MEA-2400-SMA Datasheet
737Kb / 3P
WIFI/BLUETOOTH/ISM ANTENNA
REV A
logo
PCTEL, Inc.
BMLPV5000 PCTEL-BMLPV5000 Datasheet
376Kb / 4P
5G NR (FR1), Wi-Fi6e Low Profile Vertical Antenna Cellular, Wi-Fi, Bluetooth®, & BLE Antennas – Low Profile Whipless
November 2021
logo
Advantech Co., Ltd.
UTC-300P-W12E ADVANTECH-UTC-300P-W12E Datasheet
226Kb / 1P
WiFi 802.11 ac/a/b/g/n 2T2R w/Bluetooth 4.2, M.2, Antennas
18-Sep-2019
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
logo
Yichip Microelectronics...
YC1166 YICHIP-YC1166 Datasheet
1Mb / 16P
Bluetooth 5.0 BR/EDR/BLE
2020-02-26
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com